Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMTPB Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

SMTPB Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # SMTPB
Download  SMTPB Download
File Size   281.99 Kbytes
Page   4 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V

SMTPB Datasheet (PDF)

Go To PDF Page Download Datasheet
SMTPB Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # SMTPB
Download  SMTPB Click to download

File Size   281.99 Kbytes
Page   4 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V

SMTPB Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited




Similar Part No. - SMTPB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPB STMICROELECTRONICS-SMTPB Datasheet
55Kb / 5P
TRISILTM
Aug-1999
SMTPB100 STMICROELECTRONICS-SMTPB100 Datasheet
55Kb / 5P
TRISILTM
Aug-1999
logo
Shenzhen Taychipst Elec...
SMTPB100 TAYCHIPST-SMTPB100 Datasheet
18Mb / 2P
TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
SMTPB101 STMICROELECTRONICS-SMTPB101 Datasheet
55Kb / 5P
TRISILTM
Aug-1999
SMTPB102 STMICROELECTRONICS-SMTPB102 Datasheet
55Kb / 5P
TRISILTM
Aug-1999
More results


Similar Description - SMTPB

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
4,000 V BREAKDOWN VOLTAGE DS RELAYS
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
TELECOMMUNICATION PROTECTION
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
Galaxy Semi-Conductor H...
SMTPAXXX BILIN-SMTPAXXX_03 Datasheet
346Kb / 6P
TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
TELECOMMUNICATION PROTECTION ARRESTORS
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
Telecommunication Protection
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
Trisil for telecommunication equipment protection
17-Jan-2013
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
Breakdown voltage range: 220 V
logo
Shenzhen Luguang Electr...
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
Telecommunication Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com