Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM321024 Datasheet (PDF) - Motorola, Inc

MCM321024 Datasheet PDF - Motorola, Inc
Part # MCM321024
Download  MCM321024 Download
File Size   80.72 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1M x 32 Bit Fast Static RAM Module

MCM321024 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM321024 Datasheet PDF - Motorola, Inc

Part # MCM321024
Download  MCM321024 Click to download

File Size   80.72 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1M x 32 Bit Fast Static RAM Module

MCM321024 Datasheet (HTML) - Motorola, Inc


MCM321024 Product details

1M x 32 Bit Fast Static RAM Module

The MCM321024 is an 32M bit static random access memory module organized as 1,048,576 words of 32 bits. The module is a 72–lead single in–line memory module (SIMM) consisting of eight MCM6249 fast static RAMs packaged in 32–lead SOJ packages and mounted on a printed circuit board along with sixteen decoupling capacitors.
The MCM6249 is a high performance CMOS fast static RAM organized as 1,048,576 words of 4 bits. Static design eliminates the need for external clocks or timing strobes, while CMOS circuitry reduces power consumption and provides for greater reliability.

• Single 5 V ± 10% Power Supply
• Fast Access Time: 20/25 ns
• Three–State Outputs
• Fully TTL Compatible
• JEDEC Standard Pinout
• Power Requirement: 1520/1400 mA Maximum, Active AC
• High Board Density SIMM Package
• Byte Operation: Four Separate Chip Enables, One for Each Byte (Eight Bits)
• High Quality Six–Layer FR4 PWB with Separate Internal Power and Ground Planes
• Incorporates Motorola’s State–of–the–Art Fast Static RAMs




Similar Part No. - MCM321024

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM32100 MOTOROLA-MCM32100 Datasheet
532Kb / 13P
1M x 32 Bit Dynamic Random Access Memory Module
MCM32100S10 MOTOROLA-MCM32100S10 Datasheet
532Kb / 13P
1M x 32 Bit Dynamic Random Access Memory Module
MCM32100S80 MOTOROLA-MCM32100S80 Datasheet
532Kb / 13P
1M x 32 Bit Dynamic Random Access Memory Module
MCM32100SG10 MOTOROLA-MCM32100SG10 Datasheet
532Kb / 13P
1M x 32 Bit Dynamic Random Access Memory Module
MCM32100SG80 MOTOROLA-MCM32100SG80 Datasheet
532Kb / 13P
1M x 32 Bit Dynamic Random Access Memory Module
More results


Similar Description - MCM321024

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM32257B MOTOROLA-MCM32257B Datasheet
158Kb / 8P
256K x 32 Bit Fast Static RAM Module
MCM32515 MOTOROLA-MCM32515 Datasheet
79Kb / 8P
512K x 32 Bit Fast Static RAM Module
MCM8A10 MOTOROLA-MCM8A10 Datasheet
79Kb / 8P
1M x 8 Bit Fast Static RAM Module
logo
Siemens Semiconductor G...
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM321005S SIEMENS-HYM321005S Datasheet
83Kb / 10P
1M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
1M x 32-Bit Dynamic RAM Module
logo
Integrated Device Techn...
IDT7MP4120 IDT-IDT7MP4120 Datasheet
83Kb / 8P
1M x 32 CMOS STATIC RAM MODULE
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
64K x 32 Static RAM Module
CYM1836 CYPRESS-CYM1836 Datasheet
540Kb / 8P
128K x 32 Static RAM Module
CY7C1072AV33 CYPRESS-CY7C1072AV33 Datasheet
147Kb / 9P
32-Mbit (1M x 32) Static RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com