Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ100SL-4 Datasheet (PDF) - Siemens Semiconductor Group

BUZ100SL-4 Datasheet PDF - Siemens Semiconductor Group
Part # BUZ100SL-4
Download  BUZ100SL-4 Download
File Size   89.59 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)

BUZ100SL-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ100SL-4 Datasheet PDF - Siemens Semiconductor Group

Part # BUZ100SL-4
Download  BUZ100SL-4 Click to download

File Size   89.59 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)

BUZ100SL-4 Datasheet (HTML) - Siemens Semiconductor Group


BUZ100SL-4 Product details

• Quad-channel

• Enhancement mode

• Logic level

• Avalanche-rated

• dv/dtrated



VDS : 55 V

ID : 7.4 A

RDS(on) :  0.023 Ω




Similar Part No. - BUZ100SL-4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
More results


Similar Description - BUZ100SL-4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ100 SIEMENS-BUZ100 Datasheet
185Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ101S SIEMENS-BUZ101S Datasheet
69Kb / 8P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ102 SIEMENS-BUZ102 Datasheet
183Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ102AL SIEMENS-BUZ102AL Datasheet
182Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102SL-4 SIEMENS-BUZ102SL-4 Datasheet
90Kb / 8P
SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ103AL SIEMENS-BUZ103AL Datasheet
185Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ103SL-4 SIEMENS-BUZ103SL-4 Datasheet
107Kb / 8P
SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
BUZ104L SIEMENS-BUZ104L Datasheet
209Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
BUZ104SL-4 SIEMENS-BUZ104SL-4 Datasheet
90Kb / 8P
SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com