Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH127CA Datasheet (PDF) - Sumida Corporation

CDRH127CA Datasheet PDF - Sumida Corporation
Part # CDRH127CA
Download  CDRH127CA Download
File Size   190.2 Kbytes
Page   5 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Ferrite drum core construction.

CDRH127CA Datasheet (PDF)

Go To PDF Page Download Datasheet
CDRH127CA Datasheet PDF - Sumida Corporation

Part # CDRH127CA
Download  CDRH127CA Click to download

File Size   190.2 Kbytes
Page   5 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Ferrite drum core construction.

CDRH127CA Datasheet (HTML) - Sumida Corporation


CDRH127CA Product details

Description

• Ferrite drum core construction.

• Magnetically shielded.

• L×W×H: 12.9×12.9×8.0 mm Max.

• Product weight: 4.4 g(Ref.)

• Moisture Sensitivity Level: 1

• RoHS compliance.

• Qualification to AEC-Q200



Environmental Data

• Operating temperature range: -40℃~+125℃

   (excluding coil’s self temperature rise).

• Storage temperature range: -40℃~+85℃

• Solder reflow temperature: 260 ℃ peak.



Packaging

• Carrier tape and reel packaging.

• 13.0”diameter reel

• 500pcs per reel



Applications

• Automotive and other high temperature, high reliability application.



 




Similar Part No. - CDRH127CA

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH127C SUMIDA-CDRH127C Datasheet
184Kb / 2P
POWER INDUCTORS
CDRH127C/A SUMIDA-CDRH127C/A Datasheet
8Mb / 156P
GENERAL PRODUCTS CATALOG
2011.09
CDRH127C/ANP-100M SUMIDA-CDRH127C/ANP-100M Datasheet
184Kb / 2P
POWER INDUCTORS
CDRH127C/ANP-101M SUMIDA-CDRH127C/ANP-101M Datasheet
184Kb / 2P
POWER INDUCTORS
CDRH127C/ANP-120M SUMIDA-CDRH127C/ANP-120M Datasheet
184Kb / 2P
POWER INDUCTORS
More results


Similar Description - CDRH127CA

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
Ferrite drum core construction
CDRH10D38D SUMIDA-CDRH10D38D Datasheet
170Kb / 4P
Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
Ferrite drum core construction
CDRH10D68RT125 SUMIDA-CDRH10D68RT125 Datasheet
232Kb / 5P
Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
Ferrite drum core construction
CDRH3D23 SUMIDA-CDRH3D23_12 Datasheet
173Kb / 5P
Ferrite drum core construction.
CDRH4D22 SUMIDA-CDRH4D22_12 Datasheet
181Kb / 6P
Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
Ferrite drum core construction
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com