Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS7222C Datasheet (PDF) - ON Semiconductor

NLAS7222C Datasheet PDF - ON Semiconductor
Part # NLAS7222C
Download  NLAS7222C Download
File Size   177.09 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High-Speed USB 2.0 (480 Mbps) DPDT Switches

NLAS7222C Datasheet (PDF)

Go To PDF Page Download Datasheet
NLAS7222C Datasheet PDF - ON Semiconductor

Part # NLAS7222C
Download  NLAS7222C Click to download

File Size   177.09 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High-Speed USB 2.0 (480 Mbps) DPDT Switches

NLAS7222C Datasheet (HTML) - ON Semiconductor




Similar Part No. - NLAS7222C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7222C ONSEMI-NLAS7222C Datasheet
816Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
NLAS7222C ONSEMI-NLAS7222C Datasheet
177Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
logo
TECH PUBLIC Electronics...
NLAS7222CMUTBG-TP TECHPUBLIC-NLAS7222CMUTBG-TP Datasheet
3Mb / 7P
High Speed USB 2.0 (480Mbps) DPDT Analog Switch
More results


Similar Description - NLAS7222C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_07 Datasheet
160Kb / 11P
High?뭆peed USB 2.0 (480 Mbps) DPDT Switch
February, 2007 ??Rev. 1
NLAS7222B ONSEMI-NLAS7222B Datasheet
816Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
NLAS7223C ONSEMI-NLAS7223C Datasheet
413Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
October, 2008 ??Rev. 1
NLAS7242 ONSEMI-NLAS7242 Datasheet
672Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2009 ??Rev. 4
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NLAS7222BMUTAG ONSEMI-NLAS7222BMUTAG Datasheet
177Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
NL3HS2222 ONSEMI-NL3HS2222_16 Datasheet
449Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
NL3S2223 ONSEMI-NL3S2223 Datasheet
372Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2016 ??Rev. P0
logo
Shenzhen Huazhimei Semi...
HM7222 HMSEMI-HM7222 Datasheet
1Mb / 9P
High-Speed USB 2.0(480 Mbps) DPDT Switches
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com