Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HITK0202MPTL-HQ Datasheet (PDF) - Renesas Technology Corp

HITK0202MPTL-HQ Datasheet PDF - Renesas Technology Corp
Part # HITK0202MPTL-HQ
Download  HITK0202MPTL-HQ Download
File Size   91.97 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel MOS FET Power Switching

HITK0202MPTL-HQ Datasheet (PDF)

Go To PDF Page Download Datasheet
HITK0202MPTL-HQ Datasheet PDF - Renesas Technology Corp

Part # HITK0202MPTL-HQ
Download  HITK0202MPTL-HQ Click to download

File Size   91.97 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel MOS FET Power Switching

HITK0202MPTL-HQ Datasheet (HTML) - Renesas Technology Corp


HITK0202MPTL-HQ Product details

Features
• Low on-resistance
    RDS(on) = 42 mΩ typ (VGS = 4.5 V, ID = 1.9 A)
• Low drive current
• High speed switching
• 2.5 V gate drive




Similar Part No. - HITK0202MPTL-HQ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HITK0202MP RENESAS-HITK0202MP_15 Datasheet
105Kb / 7P
20V, 3.8A, 55m?뾪ax. Silicon N Channel MOS FET Power Switching
More results


Similar Description - HITK0202MPTL-HQ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
Silicon N Channel MOS FET Power Switching
HAT2202C RENESAS-HAT2202C Datasheet
82Kb / 7P
Silicon N Channel MOS FET Power Switching
RQK0302GGDQS RENESAS-RQK0302GGDQS Datasheet
89Kb / 7P
Silicon N Channel MOS FET Power Switching
RQK0601AGDQS RENESAS-RQK0601AGDQS Datasheet
89Kb / 7P
Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA Datasheet
92Kb / 7P
Silicon N Channel MOS FET Power Switching
RQK0607AQDQS RENESAS-RQK0607AQDQS Datasheet
116Kb / 8P
Silicon N Channel MOS FET Power Switching
RQK2001HQDQA RENESAS-RQK2001HQDQA Datasheet
124Kb / 8P
Silicon N Channel MOS FET Power Switching
HAT2282C RENESAS-HAT2282C Datasheet
83Kb / 7P
Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
Silicon N Channel MOS FET Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com