Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5550979A Datasheet (PDF) - Renesas Technology Corp

NE5550979A Datasheet PDF - Renesas Technology Corp
Part # NE5550979A
Download  NE5550979A Download
File Size   438.95 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon Power LDMOS FET

NE5550979A Datasheet (PDF)

Go To PDF Page Download Datasheet
NE5550979A Datasheet PDF - Renesas Technology Corp

Part # NE5550979A
Download  NE5550979A Click to download

File Size   438.95 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon Power LDMOS FET

NE5550979A Datasheet (HTML) - Renesas Technology Corp


NE5550979A Product details

FEATURES

•  High Output Power   : Pout = 39.5 dBm TYP. (VDS = 7.5 V, IDset= 200 mA, f = 460 MHz, Pin = 25 dBm)

•  High power added efficiency  : ηadd = 66% TYP. (VDS= 7.5 V, IDset= 200 mA, f = 460 MHz, Pin = 25 dBm)

•  High Linear gain   : GL = 22 dB TYP. (VDS = 7.5 V, IDset = 200 mA, f = 460 MHz, Pin = 10 dBm)

•  High ESD tolerance   : ESD tolerance > 8 kV (IEC61000-4-2, Contact discharge)

•  Suitable for VHF to UHF-BAND Class-AB power amplifier.



APPLICATIONS

•  150 MHz Band Radio System

•  460 MHz Band Radio System

•  900 MHz Band Radio System




Similar Part No. - NE5550979A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5550979A RENESAS-NE5550979A Datasheet
790Kb / 13P
Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550979A CEL-NE5550979A Datasheet
1Mb / 12P
Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550979A RENESAS-NE5550979A Datasheet
784Kb / 13P
Silicon Power LDMOS FET
NE5550979A-A RENESAS-NE5550979A-A Datasheet
790Kb / 13P
Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550979A-A CEL-NE5550979A-A Datasheet
1Mb / 12P
Silicon Power LDMOS FET
More results


Similar Description - NE5550979A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9745T1 MOTOROLA-MRF9745T1 Datasheet
60Kb / 4P
HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
logo
Renesas Technology Corp
NE5550279A RENESAS-NE5550279A Datasheet
470Kb / 9P
Silicon Power LDMOS FET
NE5550779A RENESAS-NE5550779A Datasheet
3Mb / 17P
Silicon Power LDMOS FET
NE5550979A RENESAS-NE5550979A_13 Datasheet
790Kb / 13P
Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550279A CEL-NE5550279A Datasheet
772Kb / 8P
Silicon Power LDMOS FET
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
LDMOS RF Line Power FET Transistor
logo
California Eastern Labs
NE5550979A CEL-NE5550979A Datasheet
1Mb / 12P
Silicon Power LDMOS FET
NE5550779A CEL-NE5550779A Datasheet
3Mb / 16P
Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550979A RENESAS-NE5550979A_15 Datasheet
784Kb / 13P
Silicon Power LDMOS FET
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
LDMOS RF Line Power FET Transistor
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com