Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C505 Datasheet (PDF) - Siemens Semiconductor Group

C505 Datasheet PDF - Siemens Semiconductor Group
Part # C505
Download  C505 Download
File Size   335.96 Kbytes
Page   85 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Microcontroller

C505 Datasheet (PDF)

Go To PDF Page Download Datasheet
C505 Datasheet PDF - Siemens Semiconductor Group

Part # C505
Download  C505 Click to download

File Size   335.96 Kbytes
Page   85 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Microcontroller

C505 Datasheet (HTML) - Siemens Semiconductor Group


C505 Product details

Advance Information

Features
• Fully compatible to standard 8051 microcontroller
• Superset of the 8051 architecture with 8 datapointers
• Up to 20 MHz operating frequency
   – 375 ns instruction cycle time @16 MHz
   –  300 ns instruction cycle time @20 MHz (50 % duty cycle)
• On-chip program memory (with optional memory protection)
   –  C505-2R/C505C-2R : 16k byte on-chip ROM
   –  C505A-4E/C505CA-4E: 32k byte on-chip OTP
   –  alternatively up to 64k byte external program memory
• 256 byte on-chip RAM
• On-chip XRAM
   – C505/C505C : 256 byte
   – C505A/C505CA : 1K byte
• 32 + 2 digital I/O lines
   – Four 8-bit digital I/O ports
   – One 2-bit digital I/O port (port 4)
   – Port 1 with mixed analog/digital I/O capability
• Three 16-bit timers/counters
   – Timer 0 / 1 (C501 compatible)
   – Timer 2 with 4 channels for 16-bit capture/compare operation
• Full duplex serial interface with programmable baudrate generator (USART)
• Full CAN Module, version 2.0 B compliant (C505C and C505CA only)
   – 256 register/data bytes located in external data memory area
   – 1 MBaud CAN baudrate when operating frequency is equal to or above 8 MHz
   – internal CAN clock prescaler when input frequency is over 10 MHz
• On-chip A/D Converter
   – up to 8 analog inputs
   – C505/C505C : 8-bit resolution
   – C505A/C505CA: 10-bit resolution
• Twelve interrupt sources with four priority levels
• On-chip emulation support logic (Enhanced Hooks Technology TM 1))
• Programmable 15-bit watchdog timer
• Oscillator watchdog
• Fast power on reset
• Power Saving Modes
   – Slow-down mode
   – Idle mode (can be combined with slow-down mode)
   – Software power-down mode with wake up capability through P3.2/INT0 or P4.1/RXDC pin
• P-MQFP-44 package
• Pin configuration is compatible to C501, C504, C511/C513-family
• Temperature ranges:
   SAB-C505 versions TA =   0 to 70 °C
   SAF-C505 versions TA = – 40 to 85 °C
   SAH-C505 versions TA = – 40 to 110 °C   (max. operating frequency: TBD)
   SAK-C505 versions TA = – 40 to 125 °C   (max. operating frequency: 12 MHz
                                                                                          with 50% duty cycle)




Similar Part No. - C505

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C505 VECTRON-C505 Datasheet
133Kb / 4P
Typical Applications
logo
Infineon Technologies A...
C505 INFINEON-C505 Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
logo
Siemens Semiconductor G...
C505 SIEMENS-C505 Datasheet
1Mb / 227P
8-Bit CMOS Microcontroller
logo
Vectron International, ...
C505 VECTRON-C505 Datasheet
35Kb / 3P
Standard 4-Pin DIP Package Enable Function
logo
Powerbox
C505 POWERBOX-C505 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
More results


Similar Description - C505

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com