Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX6240GP Datasheet (PDF) - Renesas Technology Corp

NX6240GP Datasheet PDF - Renesas Technology Corp
Part # NX6240GP
Download  NX6240GP Download
File Size   200.65 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 270 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s E-PON ONU APPLICATION

NX6240GP Datasheet (PDF)

Go To PDF Page Download Datasheet
NX6240GP Datasheet PDF - Renesas Technology Corp

Part # NX6240GP
Download  NX6240GP Click to download

File Size   200.65 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 270 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s E-PON ONU APPLICATION

NX6240GP Datasheet (HTML) - Renesas Technology Corp


NX6240GP Product details

DESCRIPTION
The NX6240GP is a 1 270 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode with InGaAs monitor PIN-PD.

FEATURES
• Optical output power PO = 8.5 mW
• Low threshold current Ith = 8 mA
• Differential efficiency ηd = 0.3 W/A
• Wide operating temperature range TC = −5 to +85°C
• InGaAs monitor PIN-PD
• CAN package φ 5.6 mm
• Focal point 10.2 mm

APPLICATIONS
• 10 Gb/s E-PON ONU




Similar Part No. - NX6240GP

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6240GP CEL-NX6240GP Datasheet
937Kb / 6P
1 270 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s E-PON ONU APPLICATION
NX6240GP-AZ CEL-NX6240GP-AZ Datasheet
937Kb / 6P
1 270 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s E-PON ONU APPLICATION
logo
Renesas Technology Corp
NX6240GP RENESAS-NX6240GP_15 Datasheet
200Kb / 7P
LASER DIODE 1 270 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s E-PON ONU APPLICATION
More results


Similar Description - NX6240GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8346TS RENESAS-NX8346TS Datasheet
172Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8369TB RENESAS-NX8369TB Datasheet
213Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349TB RENESAS-NX8349TB Datasheet
211Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8369TB CEL-NX8369TB Datasheet
214Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX6240GP CEL-NX6240GP Datasheet
937Kb / 6P
1 270 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s E-PON ONU APPLICATION
logo
Renesas Technology Corp
NX6240GP RENESAS-NX6240GP_15 Datasheet
200Kb / 7P
LASER DIODE 1 270 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s E-PON ONU APPLICATION
NX8349YK RENESAS-NX8349YK_15 Datasheet
253Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8346TS RENESAS-NX8346TS_15 Datasheet
164Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349TB RENESAS-NX8349TB_15 Datasheet
204Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8349TS CEL-NX8349TS_16 Datasheet
705Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com