Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C540U Datasheet (PDF) - Siemens Semiconductor Group

C540U Datasheet PDF - Siemens Semiconductor Group
Part # C540U
Download  C540U Download
File Size   427.16 Kbytes
Page   65 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Microcontroller

C540U Datasheet (PDF)

Go To PDF Page Download Datasheet
C540U Datasheet PDF - Siemens Semiconductor Group

Part # C540U
Download  C540U Click to download

File Size   427.16 Kbytes
Page   65 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Microcontroller

C540U Datasheet (HTML) - Siemens Semiconductor Group


C540U Product details

Advance Information
• Enhanced 8-bit C500 CPU
   – Full software/toolset compatible to standard 80C51/80C52 microcontrollers
• 12 MHz external operating frequency
   – 500 ns instruction cycle
• Built-in PLL for USB synchronization
• On-chip OTP program memory
   – C540U : 4K byte
   – C541U : 8K byte
   – Alternatively up to 64K byte external program memory
   – Optional memory protection
• On-chip USB module
   – Compliant to USB specification
   – Full speed or low speed operation
   – Five endpoints : one bidirectional control endpoint four versatile programmable endpoints
   – Registers are located in special function register area
   – On-chip USB transceiver
  
Features:
• Up to 64K byte external data memory
• 256 byte on-chip RAM
• Four parallel I/O ports
   – P-LCC-44 package : three 8-bit ports and one 6-bit port
   – P-SDIP-52 package : four 8-bit ports
   – LED current drive capability for 3 pins (10 mA)
• Two 16-bit timer/counters (C501 compatible)
• SSC synchronous serial interface (SPI compatible) (only C541U)
   – Master and slave capable
   – Programmable clock polarity / clock-edge to data phase relation
   – LSB/MSB first selectable
   – 1.5 MBaud transfer rate at 12 MHz operating frequency
• 7 interrupt sources (2 external, 5 internal with 2 USB interrupts) selectable at 2 priority levels
• Enhanced fail safe mechanisms
   – Programmable watchdog timer (only C541U)
   – Oscillator watchdog
• Power saving modes
   – idle mode
   – software power down mode with wake-up capability through INT0 pin or USB
• On-chip emulation support logic (Enhanced Hooks Technology TM)
• P-LCC-44 and P-SDIP-52 packages
• Power supply voltage range : 4.0V to 5.5V
• Temperature Range : SAB-C540U TA = 0 to 70 °C
                               SAB-C541U T A = 0 to 70 °C




Similar Part No. - C540U

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C540U SIEMENS-C540U Datasheet
1Mb / 200P
8-Bit CMOS Microcontroller
C540U SIEMENS-C540U_1 Datasheet
1Mb / 200P
8-Bit CMOS Microcontroller
More results


Similar Description - C540U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com