Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH60F7BDPQ-A0 Datasheet (PDF) - Renesas Technology Corp

RJH60F7BDPQ-A0 Datasheet PDF - Renesas Technology Corp
Part # RJH60F7BDPQ-A0
Download  RJH60F7BDPQ-A0 Download
File Size   102.1 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 50A - IGBT High Speed Power Switching

RJH60F7BDPQ-A0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJH60F7BDPQ-A0 Datasheet PDF - Renesas Technology Corp

Part # RJH60F7BDPQ-A0
Download  RJH60F7BDPQ-A0 Click to download

File Size   102.1 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 50A - IGBT High Speed Power Switching

RJH60F7BDPQ-A0 Datasheet (HTML) - Renesas Technology Corp


RJH60F7BDPQ-A0 Product details

Features

Low collector to emitter saturation voltage

  VCE(sat) = 1.35 V typ. (at IC = 50 A, VGE = 15 V, Ta = 25°C)

Built in fast recovery diode in one package

Trench gate and thin wafer technology

High speed switching

  tf = 74 ns typ. (at IC = 30 A, VCE = 400 V, VGE = 15 V, Rg = 5 , Ta = 25°C, inductive load)




Similar Part No. - RJH60F7BDPQ-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F7BDPQ-A0 RENESAS-RJH60F7BDPQ-A0_15 Datasheet
218Kb / 9P
600V - 50A - IGBT High Speed Power Switching
More results


Similar Description - RJH60F7BDPQ-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F5BDPQ-A0 RENESAS-RJH60F5BDPQ-A0 Datasheet
101Kb / 9P
600V - 40A - IGBT High Speed Power Switching
RJH60F6BDPQ-A0 RENESAS-RJH60F6BDPQ-A0 Datasheet
101Kb / 9P
600V - 45A - IGBT High Speed Power Switching
RJQ6021DPM RENESAS-RJQ6021DPM Datasheet
81Kb / 4P
600V - 10A - IGBT High Speed Power Switching
RJQ6022DPM RENESAS-RJQ6022DPM Datasheet
87Kb / 4P
600V - 10A - IGBT High Speed Power Switching
RJP60F7DPK RENESAS-RJP60F7DPK Datasheet
105Kb / 7P
600V - 50A - IGBT High Speed Power Switching
RJH60F7BDPQ-A0 RENESAS-RJH60F7BDPQ-A0_15 Datasheet
218Kb / 9P
600V - 50A - IGBT High Speed Power Switching
RJP60F5DPM RENESAS-RJP60F5DPM_15 Datasheet
84Kb / 7P
600V - 40A - IGBT High Speed Power Switching
RJH60F5BDPQ-A0 RENESAS-RJH60F5BDPQ-A0_15 Datasheet
101Kb / 9P
600V - 40A - IGBT High Speed Power Switching
RJP60F5DPK RENESAS-RJP60F5DPK_15 Datasheet
86Kb / 7P
600V - 40A - IGBT High Speed Power Switching
RJP60F5DPK RENESAS-RJP60F5DPK Datasheet
85Kb / 7P
600V - 40A - IGBT High Speed Power Switching
May 31, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com