Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6226BB Datasheet (PDF) - Motorola, Inc

MCM6226BB Datasheet PDF - Motorola, Inc
Part # MCM6226BB
Download  MCM6226BB Download
File Size   156.84 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 128K x 8 Bit Static Random Access Memory

MCM6226BB Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM6226BB Datasheet PDF - Motorola, Inc

Part # MCM6226BB
Download  MCM6226BB Click to download

File Size   156.84 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 128K x 8 Bit Static Random Access Memory

MCM6226BB Datasheet (HTML) - Motorola, Inc


MCM6226BB Product details

128K x 8 Bit Static Random Access Memory

The MCM6226BB is a 1,048,576 bit static random access memory organized as 131,072 words of 8 bits. Static design eliminates the need for external clocks or timing strobes while CMOS circuitry reduces power consumption and provides for greater reliability.
The MCM6226BB is available in 300 mil and 400 mil, 32 lead surface–mount SOJ packages.

• Single 5 V ± 10% Power Supply
• Fast Access Times: 15/17/20/25/35 ns
• Equal Address and Chip Enable Access Times
• All Inputs and Outputs are TTL Compatible
• Three State Outputs
• Low Power Operation: 190/180/165/150/130 mA Maximum, Active AC




Similar Part No. - MCM6226BB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
1M x 1 Bit Static Random Access Memory
MCM6227AWJ20 MOTOROLA-MCM6227AWJ20 Datasheet
210Kb / 8P
1M x 1 Bit Static Random Access Memory
MCM6227AWJ20R2 MOTOROLA-MCM6227AWJ20R2 Datasheet
210Kb / 8P
1M x 1 Bit Static Random Access Memory
MCM6227AWJ25 MOTOROLA-MCM6227AWJ25 Datasheet
210Kb / 8P
1M x 1 Bit Static Random Access Memory
MCM6227AWJ25R2 MOTOROLA-MCM6227AWJ25R2 Datasheet
210Kb / 8P
1M x 1 Bit Static Random Access Memory
More results


Similar Description - MCM6226BB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
512K x 8 Bit Static Random Access Memory
MCM6341 MOTOROLA-MCM6341 Datasheet
124Kb / 10P
128K x 24 Bit Static Random Access Memory
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
32K x 8 Bit Static Random Access Memory
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
32K x 8 Bit Static Random Access Memory
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
32K x 8 Bit Static Random Access Memory
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
128K x 8 Bit Fast Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
128K x 8 Bit Fast Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
128K x 9 Bit Fast Static Random Access Memory
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com