Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJU4351TDPP-EJ Datasheet (PDF) - Renesas Technology Corp

RJU4351TDPP-EJ Datasheet PDF - Renesas Technology Corp
Part # RJU4351TDPP-EJ
Download  RJU4351TDPP-EJ Download
File Size   62.84 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Diode Ultra Fast Recovery Diode

RJU4351TDPP-EJ Datasheet (PDF)

Go To PDF Page Download Datasheet
RJU4351TDPP-EJ Datasheet PDF - Renesas Technology Corp

Part # RJU4351TDPP-EJ
Download  RJU4351TDPP-EJ Click to download

File Size   62.84 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Diode Ultra Fast Recovery Diode

RJU4351TDPP-EJ Datasheet (HTML) - Renesas Technology Corp


RJU4351TDPP-EJ Product details

Features
• Ultra fast reverse recovery time: trr = 25 ns typ. (at IF = 10 A, di/dt = 100 A/μs)
• Low forward voltage: VF = 1.6 V typ. (at IF = 10 A)
• Low reverse current: IR = 1 μA max. (at VR = 430 V)
• Isolated package: TO-220FP (2pin)




Similar Part No. - RJU4351TDPP-EJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU4351TDPP-EJ RENESAS-RJU4351TDPP-EJ_15 Datasheet
62Kb / 4P
Single Diode Ultra Fast Recovery Diode
More results


Similar Description - RJU4351TDPP-EJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU4352TDPP-EJ RENESAS-RJU4352TDPP-EJ Datasheet
62Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6052TDPP-EJ RENESAS-RJU6052TDPP-EJ Datasheet
87Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6053SDPE RENESAS-RJU6053SDPE Datasheet
81Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6052SDPD RENESAS-RJU6052SDPD_15 Datasheet
80Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6052SDPE RENESAS-RJU6052SDPE_15 Datasheet
81Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6052TDPP-EJ RENESAS-RJU6052TDPP-EJ_15 Datasheet
87Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6053SDPE RENESAS-RJU6053SDPE_15 Datasheet
81Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6053TDPP-EJ RENESAS-RJU6053TDPP-EJ_15 Datasheet
87Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU4351TDPP-EJ RENESAS-RJU4351TDPP-EJ_15 Datasheet
62Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU4352TDPP-EJ RENESAS-RJU4352TDPP-EJ_15 Datasheet
62Kb / 4P
Single Diode Ultra Fast Recovery Diode
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com