| Manufacturer | Part # | Datasheet | Description |
 Micrel Semiconductor |
SY10E451
|
63Kb / 4P |
6-BIT REGISTER DIFFERENTIAL DATA CLOCK
|
 ON Semiconductor |
MC10EP451
|
91Kb / 10P |
3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6 |
|
MC10EP51
|
76Kb / 8P |
3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3 |
|
MC10E151
|
127Kb / 8P |
5V ECL 6-Bit D Register
November, 2006 ??Rev. 9 |
|
MC10E452
|
135Kb / 8P |
5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11 |
|
MC10EP51
|
155Kb / 11P |
3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6 |
|
MC10EP451
|
124Kb / 10P |
3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8 |
 Micrel Semiconductor |
SY10EP451L
|
398Kb / 10P |
3.3V ECL 6-Bit Differential Register with Master Reset
|
 ON Semiconductor |
MC10E451
|
165Kb / 9P |
5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10 |
|
MC10EP451
|
114Kb / 10P |
ECL 6-Bit Differential Register
June, 2014 ??Rev. 10 |