Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD1075 Datasheet (PDF) - Siemens Semiconductor Group

HD1075 Datasheet PDF - Siemens Semiconductor Group
Part # HD1075
Download  HD1075 Download
File Size   648.03 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Seven Segment display 7mm

HD1075 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD1075 Datasheet PDF - Siemens Semiconductor Group

Part # HD1075
Download  HD1075 Click to download

File Size   648.03 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Seven Segment display 7mm

HD1075 Datasheet (HTML) - Siemens Semiconductor Group


HD1075 Product details

DESCRIPTION
The HD1075X/1077X are displays with 0.28 inch (7 mm) digits with either a common anode or common cathode and a right hand decimal point.

FEATURES
• Rugged Encapsulated Package
• 0.28 Inch (7 mm) Digit Height
• Choice of Colors
• Common Anode or Common Cathode
• Wide Viewing
• Intensity Coded for Display Uniformity




Similar Part No. - HD1075

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HD1075G SIEMENS-HD1075G Datasheet
79Kb / 2P
0.28(7MM) SEVEN SEGMENT NUMERIC DISPLAY
HD1075O SIEMENS-HD1075O Datasheet
79Kb / 2P
0.28(7MM) SEVEN SEGMENT NUMERIC DISPLAY
HD1075R SIEMENS-HD1075R Datasheet
79Kb / 2P
0.28(7MM) SEVEN SEGMENT NUMERIC DISPLAY
HD1075Y SIEMENS-HD1075Y Datasheet
79Kb / 2P
0.28(7MM) SEVEN SEGMENT NUMERIC DISPLAY
More results


Similar Description - HD1075

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
10 mm Seven Segment Display
02-Jun-99
logo
Siemens Semiconductor G...
HD1075R SIEMENS-HD1075R Datasheet
79Kb / 2P
0.28(7MM) SEVEN SEGMENT NUMERIC DISPLAY
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
SEVEN SEGMENT DISPLAY 10mm
HD1131 SIEMENS-HD1131 Datasheet
644Kb / 6P
SEVEN SEGMENT DISPLAY 13MM
HDN1075O SIEMENS-HDN1075O Datasheet
511Kb / 5P
SEVEN SEGMENT DISPLAY 7MM LOW CURRENT VERSION
logo
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
SEVEN SEGMENT NUMERIC DISPLAY
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
Seven Segment Display
LDS-A403RI LUMEX-LDS-A403RI Datasheet
45Kb / 1P
YELLOW SEVEN SEGMENT DISPLAY
LDS-A404RU LUMEX-LDS-A404RU Datasheet
123Kb / 1P
RED, SEVEN SEGMENT DISPLAY
logo
List of Unclassifed Man...
5611-BSR ETC2-5611-BSR Datasheet
60Kb / 2P
Seven segment LED display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com