Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4427YN Datasheet (PDF) - Micrel Semiconductor

MIC4427YN Datasheet PDF - Micrel Semiconductor
Part # MIC4427YN
Download  MIC4427YN Download
File Size   269.88 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 1.5A-Peak Low-Side MOSFET Driver

MIC4427YN Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4427YN Datasheet PDF - Micrel Semiconductor

Part # MIC4427YN
Download  MIC4427YN Click to download

File Size   269.88 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 1.5A-Peak Low-Side MOSFET Driver

MIC4427YN Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - MIC4427YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4427 MICREL-MIC4427 Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4427AM MICREL-MIC4427AM Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4427BM MICREL-MIC4427BM Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4427BMM MICREL-MIC4427BMM Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4427BN MICREL-MIC4427BN Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
More results


Similar Description - MIC4427YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4426 MICREL-MIC4426 Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC1427 MICREL-MIC1427 Datasheet
557Kb / 8P
Dual 1.2A-Peak Low-Side MOSFET Driver
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4123 MICREL-MIC4123 Datasheet
360Kb / 11P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423 MICREL-MIC4423_05 Datasheet
218Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM MICREL-MIC4424YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423YM MICREL-MIC4423YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM-TR MICREL-MIC4424YM-TR Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4425YN MICREL-MIC4425YN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423ZN MICREL-MIC4423ZN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com