Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM340T-06 Datasheet (PDF) - Motorola, Inc

LM340T-06 Datasheet PDF - Motorola, Inc
Part # LM340T-06
Download  LM340T-06 Download
File Size   278.25 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS

LM340T-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM340T-06 Datasheet PDF - Motorola, Inc

Part # LM340T-06
Download  LM340T-06 Click to download

File Size   278.25 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS

LM340T-06 Datasheet (HTML) - Motorola, Inc


LM340T-06 Product details

Three-Terminal Positive Voltage Regulators

These voltage regulators are monolithic integrated circuits designed as fixed–voltage regulators for a wide variety of applications including local, on–card regulation. These regulators employ internal current limiting, thermal shutdown, and safe–area compensation. With adequate heatsinking they can deliver output currents in excess of 1.0 A. Although designed primarily as a fixed voltage regulator, these devices can be used with external components to obtain adjustable voltages and currents.

• Output Current in Excess of 1.0 A
• No External Components Required
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe–Area Compensation
• Output Voltage Offered in 2% and 4% Tolerance
• Available in Surface Mount D2PAK and Standard 3–Lead Transistor Packages
• Previous Commercial Temperature Range has been Extended to a Junction Temperature Range of –40°C to +125°C




Similar Part No. - LM340T-06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340T-12 MOTOROLA-LM340T-12 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340T-12 ONSEMI-LM340T-12 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
National Semiconductor ...
LM340T-12 NSC-LM340T-12 Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
LM340T-12 NSC-LM340T-12 Datasheet
920Kb / 17P
3-Terminal Positive Regulators
logo
Texas Instruments
LM340T-12 TI1-LM340T-12 Datasheet
963Kb / 19P
LM340/LM78XX Series 3-Terminal Positive Regulators
More results


Similar Description - LM340T-06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
Three-Terminal Positive Voltage Regulators
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com