| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9918
|
2Mb / 17P |
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09 |
|
MAX9918
|
2Mb / 18P |
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10 |
|
MAX9928
|
253Kb / 14P |
-0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11 |
|
MAX9918
|
2Mb / 18P |
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11 |
|
MAX9918_1107
|
2Mb / 18P |
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11 |
 Intersil Corporation |
ISL28005
|
857Kb / 14P |
Micropower, Rail-to-Rail Input Current Sense Amplifier
July 1, 2011 |
 Maxim Integrated Produc... |
MAX40002EVKIT
|
632Kb / 6P |
0.1V to 5.5V Input Voltage Range
Rev 1; 2/20 |
|
MAX40204EVKIT
|
396Kb / 6P |
Wide -0.1V to 36V Input Range Common Mode Range
319-100615; Rev 0; 10/20 |
|
MAX9918
|
1Mb / 19P |
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019 |
|
MAX9928
|
1Mb / 13P |
-0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014 |