Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTRS5900D Datasheet (PDF) - Marktech Corporate

MTRS5900D Datasheet PDF - Marktech Corporate
Part # MTRS5900D
Download  MTRS5900D Download
File Size   583.32 Kbytes
Page   3 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Peak Emission Wavelength: 590nm

MTRS5900D Datasheet (PDF)

Go To PDF Page Download Datasheet
MTRS5900D Datasheet PDF - Marktech Corporate

Part # MTRS5900D
Download  MTRS5900D Click to download

File Size   583.32 Kbytes
Page   3 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Peak Emission Wavelength: 590nm

MTRS5900D Datasheet (HTML) - Marktech Corporate


MTRS5900D Product details

Peak Emission Wavelength: 590nm

The 590nm reflective sensor consists of a 590nm visible emitter and high sensitivity photo diode in the same package. The black molded housing reduces the effect of external ambient light. Custom emitter/detectors are available.

FEATURES
> High Reliability
> Compact (Ф4.0)
> Short Detection Distance Optimum 0.5-1.5mm

APPLICATIONS
> Card Reader
> Bar-code Reader
> Edge Sensing / Money-bill Reader




Similar Part No. - MTRS5900D

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTRS5900D MARKTECH-MTRS5900D Datasheet
583Kb / 3P
Visible Light Photo Reflector
MTRS5900D MARKTECH-MTRS5900D_15 Datasheet
583Kb / 3P
Visible Light Photo Reflector
More results


Similar Description - MTRS5900D

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE5900M3A_UY MARKTECH-MTE5900M3A_UY Datasheet
637Kb / 4P
Peak Emission Wavelength: 590nm
MTE5900N_UY MARKTECH-MTE5900N_UY Datasheet
747Kb / 4P
Peak Emission Wavelength: 590nm
MTE5900W_UY MARKTECH-MTE5900W_UY Datasheet
626Kb / 4P
Peak Sensitivity Wavelength: 590nm
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
Peak Emission Wavelength: 1300nm
MTE3061N-UO MARKTECH-MTE3061N-UO Datasheet
698Kb / 3P
Peak Emission Wavelength: 620nm
MTE6066C-UR MARKTECH-MTE6066C-UR Datasheet
667Kb / 4P
Peak Emission Wavelength: 660nm
MTE8560MT MARKTECH-MTE8560MT Datasheet
760Kb / 4P
Peak Emission Wavelength: 850nm
MTE8800N1 MARKTECH-MTE8800N1 Datasheet
639Kb / 4P
Peak Emission Wavelength: 880nm
MTE9440CP MARKTECH-MTE9440CP Datasheet
882Kb / 4P
Peak Emission Wavelength: 945nm
MTPS2085BSL1 MARKTECH-MTPS2085BSL1 Datasheet
593Kb / 3P
Peak Emission Wavelength: 850nm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com