Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL755B Datasheet (PDF) - Siemens Semiconductor Group

IL755B Datasheet PDF - Siemens Semiconductor Group
Part # IL755B
Download  IL755B Download
File Size   42.97 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER

IL755B Datasheet (PDF)

Go To PDF Page Download Datasheet
IL755B Datasheet PDF - Siemens Semiconductor Group

Part # IL755B
Download  IL755B Click to download

File Size   42.97 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER

IL755B Datasheet (HTML) - Siemens Semiconductor Group


IL755B Product details

DESCRIPTION
The IL755B is a bidirectional input, optically coupled isolator consisting of two Gallium Arsenide infrared emitters and a silicon photodarlington sensor.

FEATURES
• Very High Current Transfer Ratio (500% min.)
    IL755B-1: 750% at IF=2 mA, VCE=5 V
    IL755B-2: 1000% at IF=1 mA, VCE=5 V
• BVCEO >60 V
• Isolation Test Voltage, 5300 VACRMS
• AC or Polarity Insensitive Inputs
• No Base Connection
• High Isolation Resistance, 1012Ω
• Low Coupling Capacitance
• Standard Plastic DIP Package
• Underwriters Lab Approval #E52744
• VDE #0884 Available with Option 1




Similar Part No. - IL755B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL755 SIEMENS-IL755 Datasheet
54Kb / 3P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
IL755 VISHAY-IL755 Datasheet
137Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
26-Oct-04
IL755 VISHAY-IL755 Datasheet
142Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
10-Mar-2021
IL755 VISHAY-IL755 Datasheet
142Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
10-Mar-2021
IL755-1 VISHAY-IL755-1 Datasheet
137Kb / 7P
Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
26-Oct-04
More results


Similar Description - IL755B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL250 SIEMENS-IL250 Datasheet
76Kb / 3P
BIDIRECTIONAL INPUT OPTOCOUPLER
IL255 SIEMENS-IL255 Datasheet
81Kb / 2P
BIDIRECTIONAL INPUT OPTOCOUPLER
IL755 SIEMENS-IL755 Datasheet
54Kb / 3P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
IL766 SIEMENS-IL766 Datasheet
65Kb / 3P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLERS
IL766B SIEMENS-IL766B Datasheet
21Kb / 1P
BIDIRECTIONAL INPUT OPTOCOUPLER
ILD255 SIEMENS-ILD255 Datasheet
77Kb / 2P
BIDIRECTIONAL INPUT OPTOCOUPLER
logo
Solid State Optronic
SDD400 SSOUSA-SDD400 Datasheet
731Kb / 6P
DC Input Photo-Darlington Optocoupler
SDD450 SSOUSA-SDD450 Datasheet
693Kb / 6P
DC Input Photo-Darlington Optocoupler
logo
Clare, Inc.
LDA110 CLARE-LDA110_1 Datasheet
116Kb / 5P
Bidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com