Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILH100 Datasheet (PDF) - Siemens Semiconductor Group

ILH100 Datasheet PDF - Siemens Semiconductor Group
Part # ILH100
Download  ILH100 Download
File Size   215.59 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description HERMETIC PHOTOTRANSISTOR OPTOCOUPLER

ILH100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILH100 Datasheet PDF - Siemens Semiconductor Group

Part # ILH100
Download  ILH100 Click to download

File Size   215.59 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description HERMETIC PHOTOTRANSISTOR OPTOCOUPLER

ILH100 Datasheet (HTML) - Siemens Semiconductor Group


ILH100 Product details

DESCRIPTION
The ILH100 is designed especially for hi-rel applications requiring optical isolation with high current transfer ratio and low saturation VCE. Each optocoupler consists of a light emitting diode and a NPN silicon phototransistor mounted and coupled in an 8 pin hermetically sealed DIP package. The ILH100s low input current makes it well suited for direct CMOS to LSTTL/TTL interfaces.

FEATURES
• Operating Temperature Range, –55°C to +125°C
• Current Transfer Ratio Guaranteed from –55°C to +100°C Ambient Temperature Range
• High Current Transfer Ratio at Low Input Current
• Isolation Test Voltage, 3000 VDC
• Base Lead Available for Transistor Biasing
• Standard 8 Pin DIP Package




Similar Part No. - ILH100

ManufacturerPart #DatasheetDescription
logo
Intelligent LED Solutio...
ILH-5MA1-85NA-SC201-WIR ILS-ILH-5MA1-85NA-SC201-WIR Datasheet
1Mb / 7P
Stanley xM 1 IR PowerStar
Version V1
ILH-5MA1-95NA-SC201-WIR ILS-ILH-5MA1-95NA-SC201-WIR Datasheet
1Mb / 7P
Stanley xM 1 IR PowerStar
Version V1
ILH-6MA1-85NA-SC201-WIR ILS-ILH-6MA1-85NA-SC201-WIR Datasheet
1Mb / 7P
Stanley xM 1 IR PowerStar
Version V1
ILH-6MA1-95NA-SC201-WIR ILS-ILH-6MA1-95NA-SC201-WIR Datasheet
1Mb / 7P
Stanley xM 1 IR PowerStar
Version V1
ILH-7M01-85SL-SC201-WIR ILS-ILH-7M01-85SL-SC201-WIR Datasheet
1Mb / 11P
Stanley 1 IR PowerStar Double Stack
Version V1
More results


Similar Description - ILH100

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILH200 SIEMENS-ILH200 Datasheet
76Kb / 4P
HERMETIC PHOTOTRANSISTOR DUAL CHANNEL OPTOCOUPLER
logo
Fairchild Semiconductor
MCT4R FAIRCHILD-MCT4R Datasheet
184Kb / 3P
RELIABILITY CONDITIONED HERMETIC PHOTOTRANSISTOR OPTOCOUPLER
logo
List of Unclassifed Man...
OLS249 ETC-OLS249 Datasheet
25Kb / 3P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
OLF100 ETC1-OLF100 Datasheet
21Kb / 3P
Phototransistor - Hermetic Surface Mount Optocoupler
logo
Skyworks Solutions Inc.
OLF100 SKYWORKS-OLF100 Datasheet
342Kb / 6P
Phototransistor Hermetic Surface Mount Optocoupler
June 19, 2017
OLF249 SKYWORKS-OLF249 Datasheet
287Kb / 6P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
April 14, 2017
OLF449 SKYWORKS-OLF449 Datasheet
354Kb / 6P
Radiation Tolerant, Phototransistor Hermetic Surface Mount Optocoupler
June 19, 2017
OLH249 SKYWORKS-OLH249 Datasheet
418Kb / 6P
Radiation-Tolerant, Phototransistor Hermetic Optocoupler
April 13, 2017
OLS010 SKYWORKS-OLS010 Datasheet
306Kb / 6P
Phototransistor Hermetic Surface Mount Optocoupler
June 19, 2017
OLS100 SKYWORKS-OLS100 Datasheet
356Kb / 6P
Hermetic Surface-Mount Phototransistor Optocoupler
June 19, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com