Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1056 Datasheet (PDF) - Siemens Semiconductor Group

LH1056 Datasheet PDF - Siemens Semiconductor Group
Part # LH1056
Download  LH1056 Download
File Size   43.46 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER

LH1056 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH1056 Datasheet PDF - Siemens Semiconductor Group

Part # LH1056
Download  LH1056 Click to download

File Size   43.46 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER

LH1056 Datasheet (HTML) - Siemens Semiconductor Group


LH1056 Product details

DESCRIPTION

The LH1056 is a single pole single throw (SPST), normally open (NO), solid state relay. The relay can control AC or DC loads currents up to 100 mA, with a supply voltage up to 350 V. The device is packaged in a six pin 0.3 inch dual-in line package. This package offers an insulation dielectric withstand of 7500 VACPK.



FEATURES

• Normally Open, Single Pole Single Throw Operation

• Control 350 VAC or DC Voltage

• Switch 100 mA Loads

• LED Control Current, 1.5 mA

• Low ON-Resistance

• dv/dt, >500 V/ms

• Isolation Test Voltage, 3750 VACRMS

• Current Limiting

• Underwriters Lab File # E52744



APPLICATIONS

• Telephone Switch Hook

• High Voltage Test Equipment

• TRIAC Driver

• Motor Control

• Industrial Control Systems




Similar Part No. - LH1056

ManufacturerPart #DatasheetDescription
logo
CML Innovative Technolo...
LH10 CMLINNOVATIVETECHNOLOGIES-LH10 Datasheet
19Kb / 1P
xT-3¼ (10 mm) Wedgebase Socket
logo
MORNSUN Science& Techno...
LH10-10A05 MORNSUN-LH10-10A05 Datasheet
216Kb / 11P
5-25W, AC-DC CONVERTER
LH10-10A05 MORNSUN-LH10-10A05 Datasheet
811Kb / 8P
LH series ----is a compact size power converter offered by Mornsun.
LH10-10A05 MORNSUN-LH10-10A05 Datasheet
1Mb / 7P
10W, AC-DC converter
LH10-10A12 MORNSUN-LH10-10A12 Datasheet
216Kb / 11P
5-25W, AC-DC CONVERTER
More results


Similar Description - LH1056

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH1061AB SIEMENS-LH1061AB Datasheet
497Kb / 8P
High-Voltage, Solid-State Relay
LH1298 SIEMENS-LH1298 Datasheet
24Kb / 1P
HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER
LH1540 SIEMENS-LH1540 Datasheet
49Kb / 3P
HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER
LH1550 SIEMENS-LH1550 Datasheet
36Kb / 3P
HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER
logo
COSMO Electronics Corp...
KAQW214 COSMO-KAQW214 Datasheet
420Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
logo
Siemens Semiconductor G...
IL356 SIEMENS-IL356 Datasheet
59Kb / 2P
HIGH VOLTAGE SOLID STATE RELA OPTOCOUPLER
logo
COSMO Electronics Corp...
KCP1008 COSMO-KCP1008 Datasheet
409Kb / 2P
HIgh Voltage, Solid State Relay-MOSFET Output
KAQV212A COSMO-KAQV212A Datasheet
413Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KAQW212 COSMO-KAQW212 Datasheet
415Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KAQW217 COSMO-KAQW217 Datasheet
413Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com