Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15N20 Datasheet (PDF) - Unisonic Technologies

15N20 Datasheet PDF - Unisonic Technologies
Part # 15N20
Download  15N20 Download
File Size   135.73 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 15A, 200V N-CHANNEL POWER MOSFET

15N20 Datasheet (PDF)

Go To PDF Page Download Datasheet
15N20 Datasheet PDF - Unisonic Technologies

Part # 15N20
Download  15N20 Click to download

File Size   135.73 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 15A, 200V N-CHANNEL POWER MOSFET

15N20 Datasheet (HTML) - Unisonic Technologies


15N20 Product details

DESCRIPTION

The UTC 15N20 is an N-channel enhancement MOSFET using UTC’s advanced technology to provide the customers with perfect RDS(ON), high switching speed, high current capacity and low gate charge.

The UTC 15N20 is universally applied in low voltage such as automotive, high efficiency switching for DC/DC converters and DC motor control, etc.



FEATURES

* RDS(ON)=0.12Ω@ VGS=10V,ID=7.5A

* Low Gate Charge (Typical 20nC)

* Low CRSS(Typical 25pF)

* High Switching Speed




Similar Part No. - 15N20

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N20G-TA3-T UTC-15N20G-TA3-T Datasheet
199Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20G-TN3-R UTC-15N20G-TN3-R Datasheet
199Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20L-TA3-T UTC-15N20L-TA3-T Datasheet
199Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20L-TN3-R UTC-15N20L-TN3-R Datasheet
199Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20 UTC-15N20_15 Datasheet
199Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results


Similar Description - 15N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF640T STMICROELECTRONICS-IRF640T Datasheet
247Kb / 12P
N-channel 200V - 0.15Ω - 15A - TO-220 MESH OVERLAY??Power MOSFET
06-Oct-2006
logo
Unisonic Technologies
22N20 UTC-22N20 Datasheet
189Kb / 6P
22A, 200V N-CHANNEL POWER MOSFET
UF4N20 UTC-UF4N20 Datasheet
136Kb / 3P
4A, 200V N-CHANNEL POWER MOSFET
30N20 UTC-30N20 Datasheet
131Kb / 3P
30A, 200V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM19N20 TSC-TSM19N20 Datasheet
88Kb / 4P
200V N-Channel Power MOSFET
logo
Unisonic Technologies
UF4N20Z UTC-UF4N20Z Datasheet
147Kb / 3P
4A, 200V N-CHANNEL POWER MOSFET
7N20 UTC-7N20 Datasheet
214Kb / 5P
7A, 200V N-CHANNEL POWER MOSFET
7N20Z UTC-7N20Z Datasheet
217Kb / 5P
7A, 200V N-CHANNEL POWER MOSFET
39N20 UTC-39N20 Datasheet
176Kb / 5P
39A, 200V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF640 FCI-IRF640 Datasheet
158Kb / 5P
18A 200V N CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com