Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25N06 Datasheet (PDF) - Unisonic Technologies

25N06 Datasheet PDF - Unisonic Technologies
Part # 25N06_11
Download  25N06 Download
File Size   186.89 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 25A, 60V N-CHANNEL POWER MOSFET

25N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
25N06 Datasheet PDF - Unisonic Technologies

Part # 25N06_11
Download  25N06 Click to download

File Size   186.89 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 25A, 60V N-CHANNEL POWER MOSFET

25N06 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 25N06_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
25N06G-TA3-T UTC-25N06G-TA3-T Datasheet
179Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
25N06G-TA3-T VBSEMI-25N06G-TA3-T Datasheet
2Mb / 9P
N-Channel 60 V (D-S) MOSFET
logo
Unisonic Technologies
25N06L-TA3-T UTC-25N06L-TA3-T Datasheet
179Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
25N06L-TN3-R VBSEMI-25N06L-TN3-R Datasheet
896Kb / 6P
N-Channel 60-V (D-S) MOSFET
25N06L-TN3-T VBSEMI-25N06L-TN3-T Datasheet
896Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
More results


Similar Description - 25N06_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP25N06 FAIRCHILD-RFP25N06 Datasheet
419Kb / 8P
25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
September 1998
RFF70N06 INTERSIL-RFF70N06 Datasheet
78Kb / 8P
25A, 60V, 0.025 Ohm, N-Channel Power MOSFET
March 1999
RFP25N06 INTERSIL-RFP25N06 Datasheet
106Kb / 8P
25A, 60V, 0.047 Ohm, N-Channel Power MOSFETs
July 1999
logo
Unisonic Technologies
UTT25N08 UTC-UTT25N08 Datasheet
159Kb / 3P
25A, 80V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
logo
Rohm
RQ3L070AT ROHM-RQ3L070AT Datasheet
2Mb / 13P
Pch -60V -25A Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com