Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF540 Datasheet (PDF) - Unisonic Technologies

UF540 Datasheet PDF - Unisonic Technologies
Part # UF540
Download  UF540 Download
File Size   156.02 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 27A, 100V N-CHANNEL POWER MOSFET

UF540 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF540 Datasheet PDF - Unisonic Technologies

Part # UF540
Download  UF540 Click to download

File Size   156.02 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 27A, 100V N-CHANNEL POWER MOSFET

UF540 Datasheet (HTML) - Unisonic Technologies


UF540 Product details

■ DESCRIPTION
The UTC UF540 is an N-channel enhancement mode power MOSFET using UTC’s advanced technology to provide the customers with a minimum on-state resistance and high switching speed.
The UTC UF540 is suitable for AC&DC motor controls and switching power supply, etc

■ FEATURES
* RDS(on) <85mΩ @VGS = 10 V,ID=15A
* High Switching Speed




Similar Part No. - UF540

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UF540 MICROSEMI-UF540 Datasheet
93Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
UF540 ISC-UF540 Datasheet
245Kb / 2P
isc N-Channel MOSFET Transistor
logo
Jinan Gude Electronic D...
UF5400 JGD-UF5400 Datasheet
159Kb / 2P
3.0 AMP. ULTRA FAST RECTIFIERS
logo
Dc Components
UF5400 DCCOM-UF5400 Datasheet
413Kb / 2P
TECHNICAL SPECIFICATIONS OF ULTRA FAST RECTIFIER
logo
General Semiconductor
UF5400 GE-UF5400 Datasheet
38Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results


Similar Description - UF540

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
100V N-Channel Power MOSFET
TSM85N10 TSC-TSM85N10 Datasheet
68Kb / 4P
100V N-Channel Power MOSFET
TSM35N10 TSC-TSM35N10 Datasheet
356Kb / 6P
100V N-Channel Power MOSFET
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
100V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
15N10 DYELEC-15N10 Datasheet
1Mb / 8P
100V N-Channel Power MOSFET
logo
First Silicon Co., Ltd
IRF540I FS-IRF540I Datasheet
1Mb / 4P
N -Channel Power MOSFET (100V/27A)
IRF540F FS-IRF540F Datasheet
1Mb / 4P
N -Channel Power MOSFET (100V/27A)
IRF540D FS-IRF540D Datasheet
1Mb / 4P
N -Channel Power MOSFET (100V/27A)
IRF540 FS-IRF540 Datasheet
1Mb / 4P
N -Channel Power MOSFET (100V/27A)
logo
Guangdong Youtai Semico...
STD10NF10 UMW-STD10NF10 Datasheet
616Kb / 5P
100V N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com