Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF830Z Datasheet (PDF) - Unisonic Technologies

UF830Z Datasheet PDF - Unisonic Technologies
Part # UF830Z
Download  UF830Z Download
File Size   280.51 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET

UF830Z Datasheet (PDF)

Go To PDF Page Download Datasheet
UF830Z Datasheet PDF - Unisonic Technologies

Part # UF830Z
Download  UF830Z Click to download

File Size   280.51 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET

UF830Z Datasheet (HTML) - Unisonic Technologies


UF830Z Product details

DESCRIPTION
The N-Channel enhancement mode silicon gate power MOSFET is designed for high voltage, high speed power switching applications, such as switching regulators, switching converters, solenoid, motor drivers and related drivers.

FEATURES
* VDS = 500V
* ID = 4.5A
* RDS(ON)=1.5Ω
* Single Pulse Avalanche Energy Rated
* Rugged- SOA is Power Dissipation Limited
* Fast Switching Speeds
* Linear Transfer Characteristics
* High Input Impedance
* ESD Protected




Similar Part No. - UF830Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF830ZG-TF3-T UTC-UF830ZG-TF3-T Datasheet
264Kb / 8P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UF830ZL-TF3-T UTC-UF830ZL-TF3-T Datasheet
264Kb / 8P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UF830Z UTC-UF830Z_15 Datasheet
264Kb / 8P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results


Similar Description - UF830Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP5N50F FAIRCHILD-FDP5N50F Datasheet
807Kb / 10P
N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
logo
Tak Cheong Electronics ...
TFF830 TAK_CHEONG-TFF830 Datasheet
310Kb / 7P
N-Channel Power MOSFET 4.5A, 500V, 1.50廓
TFP830 TAK_CHEONG-TFP830 Datasheet
330Kb / 7P
N-Channel Power MOSFET 4.5A, 500V, 1.50廓
logo
Unisonic Technologies
UF830 UTC-UF830 Datasheet
307Kb / 8P
4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP5N50F FAIRCHILD-FDP5N50F_12 Datasheet
466Kb / 10P
N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
logo
First Components Intern...
IRF830 FCI-IRF830 Datasheet
259Kb / 5P
4.5A 500V N CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
N-Channel Power MOSFET 500V, 5A, 1.5廓
logo
First Silicon Co., Ltd
FTK830P FS-FTK830P Datasheet
262Kb / 8P
5A, 500V, 1.5 廓, N-CHANNEL POWER MOSFET
IRF830 FS-IRF830 Datasheet
384Kb / 7P
4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
FTK5N50P FS-FTK5N50P Datasheet
373Kb / 7P
4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com