Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT10N10 Datasheet (PDF) - Unisonic Technologies

UTT10N10 Datasheet PDF - Unisonic Technologies
Part # UTT10N10
Download  UTT10N10 Download
File Size   136.17 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 10A, 100V N-CHANNEL MOSFET

UTT10N10 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT10N10 Datasheet PDF - Unisonic Technologies

Part # UTT10N10
Download  UTT10N10 Click to download

File Size   136.17 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 10A, 100V N-CHANNEL MOSFET

UTT10N10 Datasheet (HTML) - Unisonic Technologies


UTT10N10 Product details

■ DESCRIPTION
The UTC UTT10N10 is a N-channel enhancement mode power MOSFET using UTC’s advanced technology to provide the customers with a minimum on-state resistance, high switching speed and ultra low gate charge. It also can withstand high energy pulse in the avalanche and commutation mode.

■ FEATURES
* RDS(on) ≤ 143mΩ @ VGS=10V, ID=6.4A
   RDS(on) ≤ 156mΩ @ VGS=4.5V, ID=6.4A
* High Switching Speed




Similar Part No. - UTT10N10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT10N10G-TM3-T UTC-UTT10N10G-TM3-T Datasheet
158Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UTT10N10G-TN3-R UTC-UTT10N10G-TN3-R Datasheet
158Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UTT10N10L-TM3-T UTC-UTT10N10L-TM3-T Datasheet
158Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UTT10N10L-TN3-R UTC-UTT10N10L-TN3-R Datasheet
158Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UTT10N10 UTC-UTT10N10_15 Datasheet
158Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results


Similar Description - UTT10N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com