Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6709A Datasheet (PDF) - Motorola, Inc

MCM6709A Datasheet PDF - Motorola, Inc
Part # MCM6709A
Download  MCM6709A Download
File Size   147.37 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 64K x 4 Bit Static RAM

MCM6709A Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM6709A Datasheet PDF - Motorola, Inc

Part # MCM6709A
Download  MCM6709A Click to download

File Size   147.37 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 64K x 4 Bit Static RAM

MCM6709A Datasheet (HTML) - Motorola, Inc


MCM6709A Product details

The MCM6709A is a 262,144 bit static random access memory organized as 65,536 words of 4 bits, fabricated using high–performance silicon–gate BiCMOS technology. Static design eliminates the need for external clocks or timing strobes.
Output enable (G) provides increased system flexibility and eliminates bus contention problems.
The MCM6709A is available in a 300 mil, 28 lead plastic surface–mount SOJ package.

• Single 5 V ± 10% Power Supply
• Fully Static — No Clock or Timing Strobes Necessary
• All Inputs and Outputs are TTL Compatible
• Three State Outputs
• Fast Access Times:
    MCM6709A–8 = 8 ns
    MCM6709A–10 = 10 ns
    MCM6709A–12 = 12 ns




Similar Part No. - MCM6709A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
64K x 4 Bit Static RAM
MCM6709ARJ6 MOTOROLA-MCM6709ARJ6 Datasheet
145Kb / 8P
64K x 4 Bit Static RAM
MCM6709ARJ6R2 MOTOROLA-MCM6709ARJ6R2 Datasheet
145Kb / 8P
64K x 4 Bit Static RAM
MCM6709ARJ7 MOTOROLA-MCM6709ARJ7 Datasheet
145Kb / 8P
64K x 4 Bit Static RAM
MCM6709ARJ7R2 MOTOROLA-MCM6709ARJ7R2 Datasheet
145Kb / 8P
64K x 4 Bit Static RAM
More results


Similar Description - MCM6709A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
64K x 4 Bit Fast Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
64K x 4 Bit Static RAM
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
64K x 4 Bit Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
64K x 4 Bit Static RAM
MCM6709BR MOTOROLA-MCM6709BR Datasheet
102Kb / 7P
64K x 4 Bit Static RAM
MCM6709R MOTOROLA-MCM6709R Datasheet
146Kb / 8P
64K x 4 Bit Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
CMOS STATIC RAM 256K (64K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
CMOS STATIC RAM 64K 16K x 4-BIT
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
64K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
CMOS Static RAM 256K (64K x 4-Bit)
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com