Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWT676 Datasheet (PDF) - Siemens Semiconductor Group

LWT676 Datasheet PDF - Siemens Semiconductor Group
Part # LWT676
Download  LWT676 Download
File Size   77.25 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Hyper TOPLED White LED

LWT676 Datasheet (PDF)

Go To PDF Page Download Datasheet
LWT676 Datasheet PDF - Siemens Semiconductor Group

Part # LWT676
Download  LWT676 Click to download

File Size   77.25 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Hyper TOPLED White LED

LWT676 Datasheet (HTML) - Siemens Semiconductor Group


LWT676 Product details

Features
• GaN technology
• color: white x = 0.30, y = 0.32 according to CIE1931
• viewing angle: Lambertian Emitter (120°)
• ESD withstand voltage of 2 kV according to MIL STD 883D, Method 3015.7
• JEDEC Level 2
• white colored SMT package
• suitable for all SMT assembly and soldering methods
• available on 8 mm tape reels

Applications
• illumunations and backlighting for interior automotive applications
• indoor and outdoor message boards
• LCD backlighting
• switch backlighting
• battery torches
• emergency exit illuminations
• lamps for reading purposes
• very good alternative to incandescent lamps




Similar Part No. - LWT676

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWT676 OSRAM-LWT676 Datasheet
219Kb / 15P
white P-LCC-2 package, colored diffused resin
More results


Similar Description - LWT676

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
Hyper Mini TOPLED Hyper-Bright LED
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
Hyper Mini TOPLED RG Hyper-Bright LED
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
Hyper TOPLED Hyper-Bright LED
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
Hyper Multi TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
HYPER TOPLED, HYPER BRIGHT LED
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
Hyper TOPLED White Hyper-Bright LED
LBT676 OSRAM-LBT676 Datasheet
55Kb / 6P
BLUE LINE Hyper TOPLED Hyper-Bright LED
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
Hyper Multi TOPLED Hyper-Bright LED
LWE67C OSRAM-LWE67C Datasheet
177Kb / 15P
Power TOPLED Hyper-Bright LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com