Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT5210 Datasheet (PDF) - Siemens Semiconductor Group

MCT5210 Datasheet PDF - Siemens Semiconductor Group
Part # MCT5210
Download  MCT5210 Download
File Size   70.59 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description AlGaAs LED/ Phototransistor Optocoupler

MCT5210 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCT5210 Datasheet PDF - Siemens Semiconductor Group

Part # MCT5210
Download  MCT5210 Click to download

File Size   70.59 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description AlGaAs LED/ Phototransistor Optocoupler

MCT5210 Datasheet (HTML) - Siemens Semiconductor Group


MCT5210 Product details

DESCRIPTION
The MCT5210/5211 are optocouplers with a high efficiency AlGaAs LED optically coupled to a NPN phototransistor. The high performance LED makes operation at low input currents practical. The coupler is housed in a double molded, six pin DIP package. Isolation test voltage is 5300 VACRMS.
Because these parts have guaranteed CTRs at one and three mA, they are ideally suitable for interfacing from CMOS to TTL or LSTTL to TTL. They are also ideal for telecommunications applications such as ring or off-hook detection.

FEATURES
• Current Transfer Ratio
   MCT5210, >70% at IF=3.0 mA
   MCT5211, >110% at IF=1.0 mA
• Saturation CTR–MCT5211, >100% at IF=1.6 mA
• High Isolation Voltage, 5300 VACRMS
• Underwriters Lab File #E52744
• VDE #0884 Available with Option 1




Similar Part No. - MCT5210

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT5210 QT-MCT5210 Datasheet
553Kb / 6P
HIGH-PERFORMANCE AIGAAS PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT5210 FAIRCHILD-MCT5210 Datasheet
169Kb / 11P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Vishay Siliconix
MCT5210 VISHAY-MCT5210 Datasheet
138Kb / 8P
Optocoupler, Phototransistor Output, Low Input Current, With Base Connection
14-Jan-08
logo
Fairchild Semiconductor
MCT5210M FAIRCHILD-MCT5210M Datasheet
290Kb / 12P
Low Input Current Phototransistor Optocouplers
MCT5210M FAIRCHILD-MCT5210M Datasheet
293Kb / 12P
Low Input Current Phototransistor Optocouplers
More results


Similar Description - MCT5210

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
MCT271 QT-MCT271 Datasheet
455Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
Phototransistor Optocoupler
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
09-Aug-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com