Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEF2023 Datasheet (PDF) - Siemens Semiconductor Group

PEF2023 Datasheet PDF - Siemens Semiconductor Group
Part # PEF2023
Download  PEF2023 Download
File Size   145.82 Kbytes
Page   25 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description ISDN DC Converter Circuit IDCC

PEF2023 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEF2023 Datasheet PDF - Siemens Semiconductor Group

Part # PEF2023
Download  PEF2023 Click to download

File Size   145.82 Kbytes
Page   25 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description ISDN DC Converter Circuit IDCC

PEF2023 Datasheet (HTML) - Siemens Semiconductor Group


PEF2023 Product details

Overview
The PEB/F 2023 is a pulse width modulator circuit designed for fixed-frequency switching regulators with very low power consumption.
In telephone and ISDN-systems a high conversion yield is crucial to maintain functionality in all supply conditions via S- or U-interfaces. The PEB/F 2023 design and technology realizes high conversion efficiency and low power dissipation. The PEB/F 2023 is fully compatible with the ITU-power recommendations of the S-interface. For these reasons the PEB/F 2023 is especially suited for telephone and ISDN environments.

Features
• Switched Mode DC/DC Converter
• ITU ISDN Compatible
• Low Power Dissipation
• Supply Voltage Range 0: 8V to 16V
    Supply Voltage Range 1: 12V to 80V
    Supply Voltage Range 2: 22V to 90V
    (pin striping selects between range 1 and range 2)
    Supply Voltage Range 3, with shifting by an external zener diode: UZD+8V to UZD+90V
    (minimum zener voltage UZD = 14V)
• Programmable Overcurrent Protection
• Soft Start
• Power Housekeeping Input
• Input Undervoltage Detection
• High Input Impedance (<10µA) During Undervoltage Condition
• Oscillator Synchronization Input/Output
• High Voltage Smart Power Technology 75V
• P-DSO-14/1 Package




Similar Part No. - PEF2023

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF20256E INFINEON-PEF20256E Datasheet
2Mb / 216P
Multichannel Network Interface Controller for HDLC/PPP
DS2, April 2001
More results


Similar Description - PEF2023

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T70-D540 STMICROELECTRONICS-GS1T70-D540 Datasheet
72Kb / 5P
ISDN DC-DC CONVERTER
20-Jan-1997
GS1T70-D540F STMICROELECTRONICS-GS1T70-D540F Datasheet
64Kb / 4P
ISDN DC-DC CONVERTER FRENCH VERSION
Jun-1994
GS5AC-40 STMICROELECTRONICS-GS5AC-40 Datasheet
65Kb / 4P
ISDN AC-DC CONVERTER
20-Jan-1997
logo
Seme LAB
IP35063 SEME-LAB-IP35063 Datasheet
57Kb / 5P
DC-DC CONVERTER CONTROL CIRCUIT
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A Datasheet
126Kb / 9P
DC/DC CONVERTER CONTROL CIRCUIT
logo
Filtran LTD
TEP5606 FILTRAN-TEP5606 Datasheet
24Kb / 1P
ISDN DC/DC Converter Transformer
TEP5844 FILTRAN-TEP5844 Datasheet
25Kb / 1P
ISDN DC/DC Converter Transformer
logo
EPCOS
B78310P1623A005 EPCOS-B78310P1623A005 Datasheet
60Kb / 2P
ISDN Transformers DC/DC Converter
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
DC-to-DC Converter Control Circuit
logo
ADDtek Corp
AMC7660 ADDTEK-AMC7660 Datasheet
276Kb / 11P
DC - DC CONVERTER CONTROL CIRCUIT
JUNE 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com