Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB3065 Datasheet (PDF) - Siemens Semiconductor Group

PEB3065 Datasheet PDF - Siemens Semiconductor Group
Part # PEB3065
Download  PEB3065 Download
File Size   563.84 Kbytes
Page   102 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Signal Processing Subscriber Line Interface Codec Filter SLICOF

PEB3065 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEB3065 Datasheet PDF - Siemens Semiconductor Group

Part # PEB3065
Download  PEB3065 Click to download

File Size   563.84 Kbytes
Page   102 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Signal Processing Subscriber Line Interface Codec Filter SLICOF

PEB3065 Datasheet (HTML) - Siemens Semiconductor Group


PEB3065 Product details

General Description
The Signal Processing Subscriber Line Interface Codec Filter SLICOFI (PEB 3065/PEF 3065) is a logic continuation of the well established family of the SIEMENS PCM-Codec-Filter-IC’s with the vertical integration of all DC-feeding, Supervision and Meterpulse Injection features on chip as well. Fabricated in a standard 1 µm BiCMOS technology the SLICOFI is tailored for very flexible solutions in digital communication systems.

Features
• Single chip CODEC and FILTER including all LOW VOLTAGE SLIC functions
• Only few external components required
• No trimming or adjustments required
• Specification according to relevant CCITT, LSSGR and DBP recommendations
• Digital signal processing technique
• Advanced low power 1 µm BiCMOS1) technology
• PCM encoded digital voice transmission (A-Law or µ-Law)
• Four pin serial IOM-2 Interface
• Standard P-LCC-44 package
• High performance AD and DA Conversion
• Programmable digital filters for
    – Impedance matching
    – Transhybrid balancing
    – Frequency response
    – Gain
• Advanced test capabilities
    – Integrated line and circuit tests
    – Two programmable tone generators
• Optimized HV-SLIC Interface
• Fully digital programmable DC-Characteristic
    – Programmable Constant Current from 0-70 mA
    – Programmable Resistive Values from 0-2 × 500 Ω
• Programmable Integrated Teletax Injection and Filtering during Conversation and Onhook
    – Programmable up to 125 mVrms (5 Vrms at ab-wire)
    – Programmable frequency 12/16 kHz
• Polarity reversal (programmable soft or hard)
• Integrated (balanced) Ringing Generation with zero crossing injection
    – Programmable frequency between 16.6 and 70 Hz (up to 300 Hz for test)
    – Programmable amplitude up to 2.125 Vrms (85 Vrms at ab-wire)
• Four operating modes: Power Denial, Power Down, Active and Ringing
• Offhook detection with programmable thresholds for all operating modes
• Integrated Ring Trip Detection with zero crossing turn off function
• Ground Start and Loop Start possible
• Integrated checksum Calculation for CRAM
• Line Card Identification




Similar Part No. - PEB3065

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB3081 INFINEON-PEB3081 Datasheet
2Mb / 190P
S/T Bus Interface Circuit Extended
DS 1, Feb. 2003
PEB3086 INFINEON-PEB3086 Datasheet
3Mb / 262P
ISDN SUBSCRIBER ACCESS CONTROLLER
Jan. 2003 V 1.4
More results


Similar Description - PEB3065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3000S STMICROELECTRONICS-L3000S Datasheet
281Kb / 29P
SUBSCRIBER LINE INTERFACE KIT
Jun-1997
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
logo
National Semiconductor ...
TP3210 NSC-TP3210 Datasheet
796Kb / 19P
SUBSCRIBER LINE INTERFACE MODULE
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com