Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB7238 Datasheet (PDF) - Siemens Semiconductor Group

PSB7238 Datasheet PDF - Siemens Semiconductor Group
Part # PSB7238
Download  PSB7238 Download
File Size   2255.12 Kbytes
Page   190 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Joint Audio Decoder-Encoder - Multimode

PSB7238 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSB7238 Datasheet PDF - Siemens Semiconductor Group

Part # PSB7238
Download  PSB7238 Click to download

File Size   2255.12 Kbytes
Page   190 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Joint Audio Decoder-Encoder - Multimode

PSB7238 Datasheet (HTML) - Siemens Semiconductor Group


PSB7238 Product details

Overview
The PSB 7238 Joint Audio Decoder Encoder Multimode (JADE MM) is a device which implements voice compression algorithms using the Low-Delay Code Excited Linear Prediction (LD-CELP) standard as defined in the ITU-T G.728 Recommendation, the Algebraic Code Excited Linear Prediction (ACELP) and the Multi-Pulse Maximum Likelihood Quantization (MP-MLQ) standard as defined in the ITU-T G.723 Recommendation, and for 7-kHz voice using the Sub-Band Coded Adaptive Differential PCM (SBC-ADPCM) coding according to the G.722 Recommendation. In addition G.711 PCM audio coding is also supported.

Feature List
Functions
– G.728 compression/decompression (16 Kbit/s)
– G.723 compression/decompression (6.3, 5.3 Kbit/s)
– G.722 compression/decompression for 7-kHz audio (64, 56, 48 Kbit/s)
– G.711 compression/decompression (64 Kbit/s)
– Outband controlled audio protocol with optimized data rate
– Digital sampling rate conversion (16 kHz - 8 kHz) for G.722 audio with 8-kHz Codec (bandwidth reduced to 3.4 kHz)
– Accepts/outputs uncompressed audio in 8-bit PCM A/µ law or 16-bit linear format
– Uncompressed/compressed audio switchable between different interface combinations (IOM/Serial Audio Interface, IOM/Host, Host/Host)
– Inband controlled H.221/H.223 oriented audio protocol, e.g. for direct serial connection to videocodec (VCP of 8×8 Inc., formerly IIT Inc.) as well as host based solutions
– Stable reaction on interrupt handshake timing violations of e.g. a slow host (Windows® PC)

System On-chip Functions
– Two universal serial HDLC/transparent data controllers
– IOM-2 monitor and C/I channels
– Generation of programmable system clock output
– Three programmable timers
– Programmable on-chip PLL for internal clock generation from ISDN low frequency (7.68 MHz) clock

Interfaces
– 4-line IOM-2/PCM interface
– 5-line serial audio interface, e.g. for connection to videocodec/H.221/223 processor
– Parallel 8-bit Host interface
– 4-line general purpose interface
– External memory interface to external SRAM with programmable waitstates (0 to 15), for development purposes only.

Control
– Programmable via parallel host interface
– Operating parameters and mode settings via a register bank
– Access to audio channels and HDLC/serial transparent data controllers from DSP or an external host
– Interface to external software via a full-duplex 256-byte on-chip mailbox
– H.221/H.223 oriented inband configuration/mode switching

General
– Supply voltage: 3.0 - 3.6 V
– Additional 4.5 to 5.5 V supply for connection to 5-V systems without external components
– Ambient temperature range 0 °C to + 70 °C
– P-TQFP-100 package




Similar Part No. - PSB7238

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
Joint Audio Decoder-Encoder for Analog Videophone JADE AN
More results


Similar Description - PSB7238

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
Encoder/Decoder
logo
Siemens Semiconductor G...
PSB7230 SIEMENS-PSB7230 Datasheet
2Mb / 179P
Joint Audio Decoder-Encoder for Analog Videophone JADE AN
PSB7280 SIEMENS-PSB7280 Datasheet
2Mb / 190P
Joint Audio Decoder-Encoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
ENCODER / DECODER
logo
Sitronix Technology Co....
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
Audio Decoder/Encoder
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
Audio Decoder/ Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
Audio Encoder/Decoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com