Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6728B Datasheet (PDF) - Motorola, Inc

MCM6728B Datasheet PDF - Motorola, Inc
Part # MCM6728B
Download  MCM6728B Download
File Size   147.35 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 256K x 4 Bit Fast Static Random Access Memory

MCM6728B Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM6728B Datasheet PDF - Motorola, Inc

Part # MCM6728B
Download  MCM6728B Click to download

File Size   147.35 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 256K x 4 Bit Fast Static Random Access Memory

MCM6728B Datasheet (HTML) - Motorola, Inc


MCM6728B Product details

The MCM6728B is a 1,048,576 bit static random access memory organized as 262,144 words of 4 bits. This device is fabricated using high performance silicon–gate BiCMOS technology. Static design eliminates the need for external clocks or timing strobes.
This device meets JEDEC standards for functionality and revolutionary pinout, and is available in a 400 mil plastic small–outline J–leaded package.

• Single 5 V ± 10% Power Supply
• Fully Static — No Clock or Timing Strobes Necessary
• All Inputs and Outputs Are TTL Compatible
• Three State Outputs
• Fast Access Times: 8, 10, 12 ns
• Center Power and I/O Pins for Reduced Noise




Similar Part No. - MCM6728B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ6 MOTOROLA-MCM6726CWJ6 Datasheet
111Kb / 7P
128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ6R MOTOROLA-MCM6726CWJ6R Datasheet
111Kb / 7P
128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ7 MOTOROLA-MCM6726CWJ7 Datasheet
111Kb / 7P
128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ7R MOTOROLA-MCM6726CWJ7R Datasheet
111Kb / 7P
128K x 8 Bit Fast Static Random Access Memory
More results


Similar Description - MCM6728B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6229BB MOTOROLA-MCM6229BB Datasheet
125Kb / 8P
256K x 4 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
128K x 8 Bit Fast Static Random Access Memory
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
256K x 4 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
256K x 4 Bit Fast Static Random Access Memory
MCM6946 MOTOROLA-MCM6946 Datasheet
172Kb / 11P
512K x 9 Bit Fast Static Random Access Memory
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
1M x 4 Bit Static Random Access Memory
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
256K X 4 BIT STATIC RANDOM ACCESS MEMORY
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com