Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA9362 Datasheet (PDF) - Siemens Semiconductor Group

SDA9362 Datasheet PDF - Siemens Semiconductor Group
Part # SDA9362
Download  SDA9362 Download
File Size   199.91 Kbytes
Page   39 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description DDC-PLUS-Deflection Controller

SDA9362 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA9362 Datasheet PDF - Siemens Semiconductor Group

Part # SDA9362
Download  SDA9362 Click to download

File Size   199.91 Kbytes
Page   39 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description DDC-PLUS-Deflection Controller

SDA9362 Datasheet (HTML) - Siemens Semiconductor Group


SDA9362 Product details

General Description
The SDA 9362 is a highly integrated deflection controller for CTV receivers with doubled line and standard or doubled field frequencies. It controls among others an horizontal driver circuit for a flyback line output stage, a DC coupled vertical sawtooth output stage and an East-West raster correction circuit. All adjustable output parameters are Ι2C Bus controlled. Inputs are HSYNC, VSYNC and the line locked clock CLL.

Features
• Deflection - Protection - 16:9 / 4:3
• Ι2C Bus alignment of all deflection parameters
• All EW-, V- and H-functions (incl. Φ2)
• PW EHT compensation
• PH EHT compensation
• Compensation of H-phase deviation (e.g. caused by white bar)
• Upper/lower EW-corner correction separately adjustable
• V-angle correction: Vertical frequent linear modulation of H-phase
• V-bow correction: Vertical frequent parabolic modulation of H-phase
• Three reduced V-scan modes (75 %, 66 %, 50 % V-size) selectable
• H- and V-blanking time adjustable
• Partial overscan adjustable to hide the cut off control measuring lines in the reduced scan modes
• Stop/start of vertical deflection adjustable to fill out the 16/9 screen with different letterbox formats without annoying overscan
• Dynamic PH EHT-compensation (white bar)
• Self adaptation of V-frequency/number of lines per field between 192 and 680 for each possible line frequency
• Protection against EHT run away (X-rays protection)
• Protection against missing V-deflection (CRT-protection)
• Two digital outputs for general purpose, controlled by Ι2C Bus
• Selectable softstart of the H-output stage
• P-MQFP-44-2 package
• 5 V supply voltage




Similar Part No. - SDA9362

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA9361 SIEMENS-SDA9361 Datasheet
237Kb / 47P
DDC-PLUS-Deflection Controller
More results


Similar Description - SDA9362

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
Autosync Deflection Controller ASDC
1996 Jul 18
TDA4858 PHILIPS-TDA4858 Datasheet
260Kb / 44P
Economy Autosync Deflection Controller (EASDC)
1997 Oct 27
TDA9150B PHILIPS-TDA9150B Datasheet
281Kb / 36P
Programmable deflection controller
July 1994
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
Programmable deflection controller
July 1994
logo
Siemens Semiconductor G...
SDA9361 SIEMENS-SDA9361 Datasheet
237Kb / 47P
DDC-PLUS-Deflection Controller
logo
Intersil Corporation
HSP50016-EV INTERSIL-HSP50016-EV Datasheet
324Kb / 18P
DDC Evaluation Platform
1999 01
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
EDDC Enhanced Deflection Controller and RGB Processor
logo
Advantech Co., Ltd.
BAS-3512 ADVANTECH-BAS-3512 Datasheet
534Kb / 1P
12-ch Web-enabled DDC Controller
logo
Innovative Power Produc...
IPP-8045 IPP-IPP-8045 Datasheet
88Kb / 1P
OUTLINE SMD COUPLER DDC
IPP-8057 IPP-IPP-8057 Datasheet
80Kb / 1P
OUTLINE SMD COUPLER DDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com