Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH213 Datasheet (PDF) - Siemens Semiconductor Group

SFH213 Datasheet PDF - Siemens Semiconductor Group
Part # SFH213
Download  SFH213 Download
File Size   224.11 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Neu: Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit New: Silicon PIN Photodiode with Very Short Switching Time

SFH213 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH213 Datasheet PDF - Siemens Semiconductor Group

Part # SFH213
Download  SFH213 Click to download

File Size   224.11 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Neu: Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit New: Silicon PIN Photodiode with Very Short Switching Time

SFH213 Datasheet (HTML) - Siemens Semiconductor Group


SFH213 Product details

Features
● Especially suitable for applications from
    400 nm to 1100 nm (SFH 213) and of 880 nm (SFH 213 FA)
● Short switching time (typ. 5 ns)
● 5 mm LED plastic package
● Also available on tape

Applications
● Industrial electronics
● For control and drive circuits
● Photointerrupters
● Fiber optic transmission systems




Similar Part No. - SFH213

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH213 OSRAM-SFH213 Datasheet
273Kb / 9P
Silicon PIN Photodiode
logo
Silicon Laboratories
SFH213-PPEN-D03-ID-BK SILABS-SFH213-PPEN-D03-ID-BK Datasheet
442Kb / 1P
THE INFORMATION HEREIN CONTAINS PROPIETARY INFORMATION OF SULLINS ELECTRONICS AND IS NOT
SFH213-PPEN-D03-ID-GY SILABS-SFH213-PPEN-D03-ID-GY Datasheet
442Kb / 1P
THE INFORMATION HEREIN CONTAINS PROPIETARY INFORMATION OF SULLINS ELECTRONICS AND IS NOT
SFH213-PPEN-D04-ID-BK SILABS-SFH213-PPEN-D04-ID-BK Datasheet
442Kb / 1P
THE INFORMATION HEREIN CONTAINS PROPIETARY INFORMATION OF SULLINS ELECTRONICS AND IS NOT
SFH213-PPEN-D04-ID-GY SILABS-SFH213-PPEN-D04-ID-GY Datasheet
442Kb / 1P
THE INFORMATION HEREIN CONTAINS PROPIETARY INFORMATION OF SULLINS ELECTRONICS AND IS NOT
More results


Similar Description - SFH213

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
SFH203 SIEMENS-SFH203 Datasheet
225Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH2030 SIEMENS-SFH2030 Datasheet
199Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH203P SIEMENS-SFH203P Datasheet
223Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH214 SIEMENS-SFH214 Datasheet
204Kb / 4P
Neu: Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit New: Silicon PIN Photodiode with Very Short Switching Time
SFH216 SIEMENS-SFH216 Datasheet
200Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH217 SIEMENS-SFH217 Datasheet
152Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH229 SIEMENS-SFH229 Datasheet
250Kb / 5P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH2540FA SIEMENS-SFH2540FA Datasheet
170Kb / 4P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
SFH2801 SIEMENS-SFH2801 Datasheet
69Kb / 5P
Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silicon PIN Photodiode with Very Short Switching Time
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com