Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM67C618B Datasheet (PDF) - Motorola, Inc

MCM67C618B Datasheet PDF - Motorola, Inc
Part # MCM67C618B
Download  MCM67C618B Download
File Size   201.84 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 64K x 18 Bit BurstRAM Synchronous Fast Static RAM

MCM67C618B Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM67C618B Datasheet PDF - Motorola, Inc

Part # MCM67C618B
Download  MCM67C618B Click to download

File Size   201.84 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 64K x 18 Bit BurstRAM Synchronous Fast Static RAM

MCM67C618B Datasheet (HTML) - Motorola, Inc


MCM67C618B Product details

64K x 18 Bit BurstRAM Synchronous Fast Static RAM
With Burst Counter and Registered Outputs

The MCM67C618B is a 1,179,648 bit synchronous static random access memory designed to provide a burstable, high–performance, secondary cache for the i486 and Pentium microprocessors. It is organized as 65,536 words of 18 bits, fabricated with Motorola’s high–performance silicon–gate BiCMOS technology. The device integrates input registers, a 2–bit counter, high speed SRAM, and high drive registered output drivers onto a single monolithic circuit for reduced parts count implementation of cache data RAM applications. Synchronous design allows precise cycle control with the use of an external clock (K). BiCMOS circuitry reduces the overall power consumption of the integrated functions for greater reliability.
This device is ideally suited for systems that require wide data bus widths and cache memory. See Figure 2 for applications information.

• Single 5 V ± 5% Power Supply
• Fast Access Time/Fast Cycle Time = 5 ns/100 MHz, 7 ns/80 MHz
• Byte Writeable via Dual Write Enables
• Internal Input Registers (Address, Data, Control)
• Output Registers for Pipelined Applications
• Internally Self–Timed Write Cycle
• ADSP, ADSC, and ADV Burst Control Pins
• Asynchronous Output Enable Controlled Three–State Outputs
• Common Data Inputs and Data Outputs
• 3.3 V I/O Compatible
• High Board Density 52–Lead PLCC Package




Similar Part No. - MCM67C618B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618AFN5 MOTOROLA-MCM67C618AFN5 Datasheet
158Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618AFN7 MOTOROLA-MCM67C618AFN7 Datasheet
158Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618FN6 MOTOROLA-MCM67C618FN6 Datasheet
228Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Similar Description - MCM67C618B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67B618A MOTOROLA-MCM67B618A Datasheet
155Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618B MOTOROLA-MCM67H618B Datasheet
167Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J618B MOTOROLA-MCM67J618B Datasheet
203Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com