Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC35 Datasheet (PDF) - Nell Semiconductor Co., Ltd

GBPC35 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # GBPC35
Download  GBPC35 Download
File Size   215.95 Kbytes
Page   4 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Glass Passivated Single-Phase Bridge Rectifier, 35A

GBPC35 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBPC35 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # GBPC35
Download  GBPC35 Click to download

File Size   215.95 Kbytes
Page   4 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Glass Passivated Single-Phase Bridge Rectifier, 35A

GBPC35 Datasheet (HTML) - Nell Semiconductor Co., Ltd


GBPC35 Product details

FEATURES
● UL recognition file number E320098
● Universal 3-way terminals: snap-on, wire
   wrap-around, or PCB mounting
● Typical IR less than 1.0 µA
● Compliant to RoHS
● High surge current capability
● Low thermal resistance
● Solder dip 260°C, 40s
● Glass passivated chips

TYPICAL APPLICATIONS
   General purpose use in AC/DC bridge full wave
   rectification for power supply, home appliances,
   office equipment, industrial automation applications.




Similar Part No. - GBPC35

ManufacturerPart #DatasheetDescription
logo
Surge Components
GBPC35 SURGE-GBPC35 Datasheet
130Kb / 2P
HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
GBPC35 FAIRCHILD-GBPC35 Datasheet
41Kb / 3P
12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers
logo
General Semiconductor
GBPC35 GE-GBPC35 Datasheet
70Kb / 4P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
International Rectifier
GBPC35 IRF-GBPC35 Datasheet
131Kb / 6P
SINGLE PHASE BRIDGE
GBPC35 IRF-GBPC35 Datasheet
73Kb / 6P
SINGLE PHASE BRIDGE Power Modules
More results


Similar Description - GBPC35

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBJ35A WTE-GBJ35A Datasheet
57Kb / 4P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC35 WTE-GBPC35 Datasheet
60Kb / 4P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBPC35S WTE-GBPC35S Datasheet
73Kb / 4P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
MB3505GW ETC2-MB3505GW Datasheet
145Kb / 4P
35A Single-Phase Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
MB3505GW TAITRON-MB3505GW Datasheet
145Kb / 4P
35A Single-Phase Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBJ35H NELLSEMI-GBJ35H Datasheet
244Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 35A
GBPC35M NELLSEMI-GBPC35M Datasheet
391Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Nanjing International G...
GBPC3500 DGNJDZ-GBPC3500 Datasheet
7Mb / 2P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
GBPC35 NAINA-GBPC35 Datasheet
210Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier, 35A
logo
Zibo Seno Electronic En...
KBPC3500 ZSELEC-KBPC3500 Datasheet
389Kb / 2P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com