Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH620AA Datasheet (PDF) - Siemens Semiconductor Group

SFH620AA Datasheet PDF - Siemens Semiconductor Group
Part # SFH620AA
Download  SFH620AA Download
File Size   74.77 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 5.3 kV TRIOS Optocoupler AC Voltage Input

SFH620AA Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH620AA Datasheet PDF - Siemens Semiconductor Group

Part # SFH620AA
Download  SFH620AA Click to download

File Size   74.77 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 5.3 kV TRIOS Optocoupler AC Voltage Input

SFH620AA Datasheet (HTML) - Siemens Semiconductor Group


SFH620AA Product details

DESCRIPTION
The SFH620AA/AGB features a high current transfer ratio, low coupling capacitance and high isolation voltage. These couplers have a GaAs infrared emitting diode emitter, which is optically coupled to a silicon planar phototransistor detector, and is incorporated in a plastic DIP-4 package.

FEATURES
• High Current Transfer Ratios
    at 5 mA: 50–600%
    at 1 mA: 45% typical (>13)
• Low CTR Degradation
• Good CTR Linearity Depending on Forward Current
• Isolation Test Voltage, 5300 VACRMS
• High Collector-Emitter Voltage, VCEO=70 V
• Low Saturation Voltage
• Fast Switching Times
• Field-Effect Stable by TRIOS (TRansparent IOn Shield)
• Temperature Stable
• Low Coupling Capacitance
• End-Stackable, .100"(2.54 mm) Spacing
• High Common-Mode Interference Immunity (Unconnected Base)
• Underwriters Lab File #52744
• VDE 0884 Available with Option 1
• SMD Option, See SFH6206 Data Sheet




Similar Part No. - SFH620AA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH620AA VISHAY-SFH620AA Datasheet
556Kb / 8P
Optocoupler, AC Input, 5300 VRMS
26-Oct-04
SFH620AA VISHAY-SFH620AA Datasheet
124Kb / 6P
Optocoupler, Phototransistor Output, AC Input, 5300
19-Nov-14
SFH620AA VISHAY-SFH620AA Datasheet
121Kb / 6P
Optocoupler, Phototransistor Output, AC Input, 5300 VRMS
19-Nov-14
SFH620AA VISHAY-SFH620AA Datasheet
122Kb / 6P
Optocoupler, Phototransistor Output, AC Input, 5300 VRMS
19-Nov-14
SFH620AA-X009 VISHAY-SFH620AA-X009 Datasheet
556Kb / 8P
Optocoupler, AC Input, 5300 VRMS
26-Oct-04
More results


Similar Description - SFH620AA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
17-August-01
SFH618A VISHAY-SFH618A Datasheet
473Kb / 4P
Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
17-August-01
logo
Siemens Semiconductor G...
6N135 SIEMENS-6N135 Datasheet
85Kb / 3P
HIGH-SPEED 2.5 kV TRIOS OPTOCOUPLER
SFH6016 SIEMENS-SFH6016 Datasheet
206Kb / 5P
5.3 KV TRIOS OPTOCOUPLER HIGH RELIABILITY
SFH608 SIEMENS-SFH608 Datasheet
103Kb / 3P
PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
SFH6345 SIEMENS-SFH6345 Datasheet
35Kb / 3P
HIGH SPEED 5.3 kV OPTOCOUPLER
SFH636 SIEMENS-SFH636 Datasheet
38Kb / 3P
HIGH SPEED 5.3 kV OPTOCOUPLER
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
logo
Infineon Technologies A...
SFH610A INFINEON-SFH610A Datasheet
426Kb / 3P
5.3 kV TRIOS Optocoupler High Reliability
March 27, 2000-00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com