Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6315 Datasheet (PDF) - Siemens Semiconductor Group

SFH6315 Datasheet PDF - Siemens Semiconductor Group
Part # SFH6315
Download  SFH6315 Download
File Size   69.64 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description HIGH SPEED OPTOCOUPLER

SFH6315 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH6315 Datasheet PDF - Siemens Semiconductor Group

Part # SFH6315
Download  SFH6315 Click to download

File Size   69.64 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description HIGH SPEED OPTOCOUPLER

SFH6315 Datasheet (HTML) - Siemens Semiconductor Group


SFH6315 Product details

DESCRIPTION
The SFH6315/16/43, high speed optocouplers, each consists of a GaAlAs infrared emitting diode, optically coupled with an integrated photodetector and a high speed transistor. The photodetector is junction isolated from the transistor to reduce miller capacitance effects. The open collector output function allows circuit designers to adjust the load conditions when interfacing with different logic systems such as TTL, CMOS, etc.
   
FEATURES
• Surface Mountable
• Industry Standard SOIC-8 Footprint
• Compatible with Infrared Vapor Phase Reflow and
    Wave Soldering Processes
• Isolation Voltage, 2500 VRMS
• Very High Common Mode Transient Immunity:
    15000 V/µs at VCM=1500 V Guaranteed (SFH6343)
• High Speed: 1 Mb/s
• TTL Compatible
• Guaranteed AC and DC Performance Over
    Temperature: 0°C to 70°C
• Open Collector Output
• Pin Compatible with HP Optocouplers
    SFH6315—HCPL0500
    SFH6316—HCPL0501
    SFH6343—HCPL0453
   
APPLICATIONS
• Line Receivers
• Logic Ground Isolation
• Analog Signal Ground Isolation
• Replace Pulse Transformers
   




Similar Part No. - SFH6315

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6315 VISHAY-SFH6315 Datasheet
168Kb / 10P
High Speed Optocoupler, 1 MBd, Transistor Output
10-Nov-2021
logo
Siemens Semiconductor G...
SFH6315T SIEMENS-SFH6315T Datasheet
48Kb / 4P
HIGH SPEED OPTOCOUPLER
logo
Vishay Siliconix
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
High Speed Optocoupler, 1 MBd, Transistor Output
20-Nov-03
SFH6315T VISHAY-SFH6315T Datasheet
168Kb / 10P
High Speed Optocoupler, 1 MBd, Transistor Output
10-Nov-2021
More results


Similar Description - SFH6315

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6315T SIEMENS-SFH6315T Datasheet
48Kb / 4P
HIGH SPEED OPTOCOUPLER
logo
Sensitron
SHD-4134-XXX SENSITRON-SHD-4134-XXX Datasheet
85Kb / 4P
High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0738 AVAGO-HCPL-0738 Datasheet
192Kb / 2P
High Speed CMOS Optocoupler
HCPL-0708-560E AVAGO-HCPL-0708-560E Datasheet
179Kb / 12P
High Speed CMOS Optocoupler
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
High Speed CMOS Optocoupler
HCPL-0738-000E AVAGO-HCPL-0738-000E Datasheet
167Kb / 8P
High Speed CMOS Optocoupler
logo
Solid State Optronic
SDN135 SSOUSA-SDN135 Datasheet
450Kb / 11P
Analog High Speed Optocoupler
SDN138 SSOUSA-SDN138 Datasheet
455Kb / 11P
Analog High Speed Optocoupler
SDN139 SSOUSA-SDN139 Datasheet
456Kb / 11P
Analog High Speed Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K453 AVAGO-ACPL-K453 Datasheet
177Kb / 8P
High Speed Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com