Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6318 Datasheet (PDF) - Siemens Semiconductor Group

SFH6318 Datasheet PDF - Siemens Semiconductor Group
Part # SFH6318
Download  SFH6318 Download
File Size   38.33 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description LOW CURRENT, HIGH GAIN OPTOCOUPLER

SFH6318 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH6318 Datasheet PDF - Siemens Semiconductor Group

Part # SFH6318
Download  SFH6318 Click to download

File Size   38.33 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description LOW CURRENT, HIGH GAIN OPTOCOUPLER

SFH6318 Datasheet (HTML) - Siemens Semiconductor Group


SFH6318 Product details

DESCRIPTION
Very high current ratio together with 2500 VAC isolation are achieved by coupling an LED with an integrated high gain photodetector in a SOIC-8 package. Separate pins for the photodiode and output stage enable TTL compatible saturation voltages with high speed operation. Photodarlington operation is achieved by tying the VCC and VO terminals together. Access to the base terminal allows adjustment to the gain bandwidth.

FEATURES
• Industry Standard SOIC-8 Surface Mountable Package
• High Current Transfer Ratio, 800%
• Low Input Current, 0.5mA
• High Output Current, 60mA
• Isolation Test Voltage, 2500 VACRMS
• TTL Compatible Output, VOL=0.1 V
• Adjustable Bandwidth-Access to Base
• Underwriters Lab File #E52744

APPLICATIONS
• Logic Ground Isolation-TTL/TTL, TTL/CMOS, CMOS/CMOS, CMOS/TTL
• EIA RS 232C Line Receiver
• Low Input Current Line Receiver-Long Lines, Party Lines
• Telephone Ring Detector
• 117 VAC Line Voltage Status Indication-Low Input Power Dissipation
• Low Power Systems-Ground Isolation




Similar Part No. - SFH6318

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6318 VISHAY-SFH6318 Datasheet
149Kb / 8P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
14-Jul-15
SFH6318 VISHAY-SFH6318 Datasheet
175Kb / 10P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
18-Feb-2021
logo
Siemens Semiconductor G...
SFH6318T SIEMENS-SFH6318T Datasheet
33Kb / 3P
LOW CURRENT, HIGH GAIN OPTOCOUPLER
logo
Vishay Siliconix
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
20-Apr-07
SFH6318T VISHAY-SFH6318T Datasheet
175Kb / 10P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
18-Feb-2021
More results


Similar Description - SFH6318

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
6N138 SIEMENS-6N138 Datasheet
32Kb / 2P
LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
SFH6318T SIEMENS-SFH6318T Datasheet
33Kb / 3P
LOW CURRENT, HIGH GAIN OPTOCOUPLER
logo
Vishay Siliconix
SFH6138 VISHAY-SFH6138 Datasheet
96Kb / 6P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
26-Oct-04
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
20-Apr-07
VO221AT VISHAY-VO221AT Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
22-Nov-12
SFH6318 VISHAY-SFH6318 Datasheet
149Kb / 8P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
14-Jul-15
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
22-Nov-12
SFH6319 VISHAY-SFH6319_V01 Datasheet
175Kb / 10P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
18-Feb-2021
VO221AT VISHAY-VO221AT_V02 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
22-Nov-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com