Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBT2222 Datasheet (PDF) - Siemens Semiconductor Group

SMBT2222 Datasheet PDF - Siemens Semiconductor Group
Part # SMBT2222
Download  SMBT2222 Download
File Size   155.89 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon Switching Transistors

SMBT2222 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBT2222 Datasheet PDF - Siemens Semiconductor Group

Part # SMBT2222
Download  SMBT2222 Click to download

File Size   155.89 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon Switching Transistors

SMBT2222 Datasheet (HTML) - Siemens Semiconductor Group


SMBT2222 Product details

NPN Silicon Switching Transistors

● High DC current gain: 0.1 mA to 500 mA
● Low collector-emitter saturation voltage
● Complementary types: SMBT 2907, SMBT 2907 A (PNP)




Similar Part No. - SMBT2222

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT2222A INFINEON-SMBT2222A Datasheet
210Kb / 6P
NPN Silicon Switching Transistor
Feb-18-2002
SMBT2222A INFINEON-SMBT2222A Datasheet
83Kb / 8P
NPN Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-19
SMBT2222A INFINEON-SMBT2222A Datasheet
538Kb / 8P
Low collector-emitter saturation voltage
2011-08-19
SMBT2222AE6327HTSA1 INFINEON-SMBT2222AE6327HTSA1 Datasheet
538Kb / 8P
Low collector-emitter saturation voltage
2011-08-19
SMBT2222A INFINEON-SMBT2222A_07 Datasheet
83Kb / 8P
NPN Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-19
More results


Similar Description - SMBT2222

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS2369 ONSEMI-MPS2369 Datasheet
41Kb / 4P
Switching Transistors(NPN Silicon)
June, 2001 ??Rev. 2
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
SILICON NPN SWITCHING TRANSISTORS
Oct-1999
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
SWITCHING TRANSISTORS (NPN SILICON)
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
Switching Transistors(NPN Silicon)
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
ON Semiconductor
MMBT2369LT1 ONSEMI-MMBT2369LT1_07 Datasheet
88Kb / 6P
Switching Transistors NPN Silicon
January, 2007 ??Rev. 5
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_07 Datasheet
146Kb / 13P
NPN Silicon Switching Transistors
2007-09-20
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
NPN Silicon Switching Transistors
2012-08-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com