Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBT3906S Datasheet (PDF) - Siemens Semiconductor Group

SMBT3906S Datasheet PDF - Siemens Semiconductor Group
Part # SMBT3906S
Download  SMBT3906S Download
File Size   68.23 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PNP Silicon Switching Transistor Array

SMBT3906S Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBT3906S Datasheet PDF - Siemens Semiconductor Group

Part # SMBT3906S
Download  SMBT3906S Click to download

File Size   68.23 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PNP Silicon Switching Transistor Array

SMBT3906S Datasheet (HTML) - Siemens Semiconductor Group


SMBT3906S Product details

PNP Silicon Switching Transistor Array

• High DC current gain: 0.1mA to 100mA
• Low collector-emitter saturation voltage
• Two ( galvanic) internal isolated Transistors
   with high matching in one package
• Complementary type: SMBT 3904S (NPN)




Similar Part No. - SMBT3906S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT3906S INFINEON-SMBT3906S Datasheet
76Kb / 8P
PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3906S INFINEON-SMBT3906S Datasheet
888Kb / 13P
High DC current gain: 0.1 mA to 100 mA Low collector-emitter saturation voltage
2008-02-29
SMBT3906S INFINEON-SMBT3906S Datasheet
892Kb / 12P
PNP Silicon Switching Transistors
2012-08-21
More results


Similar Description - SMBT3906S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC807U INFINEON-BC807U Datasheet
45Kb / 4P
PNP Silicon Transistor Array
Nov-29-2001
BC856U INFINEON-BC856U Datasheet
58Kb / 6P
PNP Silicon AF Transistor Array
Nov-29-2001
BC857S INFINEON-BC857S Datasheet
57Kb / 6P
PNP Silicon AF Transistor Array
Nov-29-2001
BCR183U INFINEON-BCR183U Datasheet
115Kb / 4P
PNP Silicon Digital Transistor Array
Dec-13-2001
SMBT3904PN INFINEON-SMBT3904PN Datasheet
217Kb / 7P
NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
217Kb / 7P
NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3906S INFINEON-SMBT3906S Datasheet
76Kb / 8P
PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3906U INFINEON-SMBT3906U Datasheet
77Kb / 8P
PNP Silicon Switching Transistor Array
Nov-30-2001
BCM856S INFINEON-BCM856S Datasheet
191Kb / 8P
PNP Silicon AF Transistor Array
Aug-30-2002
SMBT3904PN INFINEON-SMBT3904PN_12 Datasheet
853Kb / 9P
NPN / PNP Silicon Switching Transistor Array
2012-08-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com