Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM51004G Datasheet (PDF) - Siemens Semiconductor Group

STM51004G Datasheet PDF - Siemens Semiconductor Group
Part # STM51004G
Download  STM51004G Download
File Size   128.26 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 1300 nm Laser in Receptacle Package, Medium Power

STM51004G Datasheet (PDF)

Go To PDF Page Download Datasheet
STM51004G Datasheet PDF - Siemens Semiconductor Group

Part # STM51004G
Download  STM51004G Click to download

File Size   128.26 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 1300 nm Laser in Receptacle Package, Medium Power

STM51004G Datasheet (HTML) - Siemens Semiconductor Group


STM51004G Product details

1300 nm Laser in Receptacle Package, Medium Power
   
• Designed for application in fiber-optic networks
• Laser Diode with Multi-Quantum Well structure
• Suitable for bit rates up to 1 Gbit/s
• Ternary photodiode at rear mirror for monitoring
    and control of radiant power
• Hermetically sealed subcomponent, similar to TO 18
• SM Pigtail with optional flange
   




Similar Part No. - STM51004G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
STM5105ALA STMICROELECTRONICS-STM5105ALA Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
More results


Similar Description - STM51004G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STH51004X SIEMENS-STH51004X Datasheet
128Kb / 4P
1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
STL51004X SIEMENS-STL51004X Datasheet
129Kb / 4P
1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL51007X SIEMENS-STL51007X Datasheet
80Kb / 4P
1300 nm Laser in Receptacle Package, Low Power
STL81007X SIEMENS-STL81007X Datasheet
550Kb / 4P
1550 nm Laser in Receptacle Package, Low Power
STM81004X SIEMENS-STM81004X Datasheet
129Kb / 4P
1550 nm Laser in Coaxial Package with SM-Pigtail, Medium Power
logo
Agere Systems
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
January 2000
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
Rev. 1 september 2001
2417J4A AGERE-2417J4A Datasheet
127Kb / 10P
NetLight 2417J4A 1300 nm Laser Gigabit Transceiver
Rev. 1 August 2001
logo
Agilent(Hewlett-Packard...
HFCT-5305 HP-HFCT-5305 Datasheet
178Kb / 8P
Gigabit Ethernet: 1.25 GBd 1300 nm Laser Transceiver in Low Cost 1 x 9 Package Style
logo
Siemens Semiconductor G...
SBM51414X SIEMENS-SBM51414X Datasheet
155Kb / 7P
BIDI?줥ransceiver Optical Module 1300 nm Emitting-/1550 nm Receiving Function, Medium Power
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com