Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5483-04AX Datasheet (PDF) - Molex Electronics Ltd.

5483-04AX Datasheet PDF - Molex Electronics Ltd.
Part # 5483-04AX
Download  5483-04AX Download
File Size   136.92 Kbytes
Page   2 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description 2.5 LOW PROFILE WAFER ASSY WITH KINK

5483-04AX Datasheet (PDF)

Go To PDF Page Download Datasheet
5483-04AX Datasheet PDF - Molex Electronics Ltd.

Part # 5483-04AX
Download  5483-04AX Click to download

File Size   136.92 Kbytes
Page   2 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description 2.5 LOW PROFILE WAFER ASSY WITH KINK

5483-04AX Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 5483-04AX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
54831 HP-54831 Datasheet
1Mb / 30P
Infiniium 54830 Series Oscilloscopes
logo
List of Unclassifed Man...
54833 ETC2-54833 Datasheet
300Kb / 1P
Two-Way Splice Connectors - Standard Barrel 600V to 35KV
logo
OSRAM GmbH
54835 OSRAM-54835 Datasheet
76Kb / 1P
Upgrades For Popular Projjecttiion Lamps
54836 OSRAM-54836 Datasheet
76Kb / 1P
Upgrades For Popular Projjecttiion Lamps
logo
Festo Corporation.
548370 FESTO-548370 Datasheet
80Kb / 1P
Pneumatic shock absorber
12/6/22
More results


Similar Description - 5483-04AX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-65-2029 MOLEX11-09-65-2029 Datasheet
85Kb / 1P
KK 3.96 / 7,92 WAFER ASSY WITH LOCK
09-75-2024 MOLEX11-09-75-2024 Datasheet
80Kb / 1P
KK 3.96 WAFER ASSY RIGHT ANGLE WITH LOCK
10-31-1068 MOLEX11-10-31-1068 Datasheet
58Kb / 1P
KK 5/7.5 WAFER ASSY WITH LOCK
0022121042 MOLEX1-0022121042 Datasheet
61Kb / 1P
KK2.5 RIGHT ANGLE WAFER ASSY
0039536164 MOLEX1-0039536164 Datasheet
262Kb / 4P
QIK FLECS WAFER ASSY STJAPANESE ONLY
0535053071 MOLEX11-0535053071 Datasheet
258Kb / 3P
1.25 DUAL W/B CONN WAFER ASSY
09-65-2048 MOLEX11-09-65-2048 Datasheet
86Kb / 1P
KK 3.96 WAFER ASSY WITH LOCK
22-11-1101 MOLEX11-22-11-1101 Datasheet
170Kb / 2P
KK 2.5 WAFER ASSY WITH LOCK
53258-0449 MOLEX11-53258-0449 Datasheet
91Kb / 1P
3.5 W-To-B Conn WAFER Assy (ST.) WITH BOSS
5274-04A MOLEX-5274-04A Datasheet
79Kb / 1P
KK 3.96 WAFER ASSY RIGHT ANGLE WITH LOCK
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com