Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69F536C Datasheet (PDF) - Motorola, Inc

MCM69F536C Datasheet PDF - Motorola, Inc
Part # MCM69F536C
Download  MCM69F536C Download
File Size   209.14 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM

MCM69F536C Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM69F536C Datasheet PDF - Motorola, Inc

Part # MCM69F536C
Download  MCM69F536C Click to download

File Size   209.14 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM

MCM69F536C Datasheet (HTML) - Motorola, Inc


MCM69F536C Product details

The MCM69F536C is a 1M–bit synchronous fast static RAM designed to provide a burstable, high performance, secondary cache for the 68K Family, PowerPC™, 486, i960™, and Pentium™ microprocessors. It is organized as 32K words of 36 bits each. This device integrates input registers, a 2–bit address counter, and high speed SRAM onto a single monolithic circuit for reduced parts count in cache data RAM applications. Synchronous design allows precise cycle control with the use of an external clock (K). BiCMOS circuitry reduces the overall power consumption of the integrated functions for greater reliability.
The MCM69F536C operates from a 3.3 V power supply and all inputs and outputs are LVTTL compatible.

• MCM69F536C–8.5 = 8.5 ns Access / 12 ns Cycle
    MCM69F536C–9 = 9 ns Access / 12 ns Cycle
    MCM69F536C–10 = 10 ns Access / 15 ns Cycle
    MCM69F536C–12 = 12 ns Access / 16.6 ns Cycle
• Single 3.3 V + 10%, – 5% Power Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• 5 V Tolerant on all Pins (Inputs and I/Os)
• 100–Pin TQFP Package




Similar Part No. - MCM69F536C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618CTQ10 MOTOROLA-MCM69F618CTQ10 Datasheet
203Kb / 12P
64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618CTQ10R MOTOROLA-MCM69F618CTQ10R Datasheet
203Kb / 12P
64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618CTQ12 MOTOROLA-MCM69F618CTQ12 Datasheet
203Kb / 12P
64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618CTQ12R MOTOROLA-MCM69F618CTQ12R Datasheet
203Kb / 12P
64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Similar Description - MCM69F536C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com