| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX4291
|
397Kb / 16P |
Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00 |
|
MAX9636
|
2Mb / 16P |
3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 0; 6/10 |
|
MAX44260
|
2Mb / 14P |
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps 500fA Low Input Bias Current
Rev 0; 6/11 |
|
MAX44260_1108
|
2Mb / 16P |
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 1; 8/11 |
|
MAX44260
|
2Mb / 16P |
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2; 2/12 |
|
MAX44280
|
2Mb / 16P |
1.8V, 50MHz, Low-Offset, Low-Power, Rail-to-Rail I/O Op Amp
Rev 1; 4/12 |
|
MAX44259
|
969Kb / 14P |
Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14 |
 Unisonic Technologies |
LV2622
|
215Kb / 8P |
LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
|
|
LV2622
|
214Kb / 8P |
LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
|
 Maxim Integrated Produc... |
MAX44259
|
1,007Kb / 14P |
1.8V, 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
2019 |