Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B360 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

B360 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # B360
Download  B360 Download
File Size   186.92 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Surface Mount Schottky Barrier Rectifiers

B360 Datasheet (PDF)

Go To PDF Page Download Datasheet
B360 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # B360
Download  B360 Click to download

File Size   186.92 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Surface Mount Schottky Barrier Rectifiers

B360 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd


B360 Product details

REVERSE VOLTAGE: 20 --- 60 V
CURRENT: 3.0 A

Features
◇ Plastic package has Underwriters Laborator
  Flammability Classification 94V-0
◇ For surface mounted applications
◇ Low profile package
◇ Built-in strain relief
◇ Metal silicon junction, majority carrier conduction
◇ High current capability, low forward voltage drop
◇ High surge capability
◇ Low power loss, high effciency
◇ For use in low voltage high frequency inverters, free wheeling and polarity protection applications
◇ Guardring for overvoltage protection
◇ High temperature soldering guaranteed:250°C/10 seconds at terminals




Similar Part No. - B360

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B360 DIODES-B360 Datasheet
58Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Fuji Electric
B360 FUJI-B360 Datasheet
665Kb / 1P
3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B360 WEITRON-B360 Datasheet
181Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B360 DIODES-B360 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
logo
Galaxy Semi-Conductor H...
B360 BILIN-B360 Datasheet
92Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - B360

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com