Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY459 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

BY459 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # BY459
Download  BY459 Download
File Size   172.73 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Super Fast Rectifiers

BY459 Datasheet (PDF)

Go To PDF Page Download Datasheet
BY459 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BY459
Download  BY459 Click to download

File Size   172.73 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Super Fast Rectifiers

BY459 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd


BY459 Product details

VOLTAGE RANGE: 1500 V

CURRENT: 12.0 A



Features

Low cost

Diffused junction

Low leakage

Low forward voltage drop

High current capability

Easily cleaned with alcohol,Isopropanol and similar solvents

The plastic material carries U/L recognition 94V-0



Mechanical Data

Case:JEDEC TO--220AC,molded plastic

Polarity: Color band denotes cathode

Weight: 0.064 ounces,1.96 gram

Mounting position: Any




Similar Part No. - BY459

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
BY459 DSK-BY459 Datasheet
94Kb / 2P
SUPER FAST RECTIFIER
logo
NXP Semiconductors
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BY459-1500S PHILIPS-BY459-1500S Datasheet
38Kb / 6P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BY459-1500S PHILIPS-BY459-1500S Datasheet
38Kb / 6P
Damper diode fast, high-voltage
September 1998 Rev 1.100
More results


Similar Description - BY459

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com