Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC30-01 Datasheet (PDF) - Frontier Electronics.

SC30-01 Datasheet PDF - Frontier Electronics.
Part # SC30-01
Download  SC30-01 Download
File Size   113.26 Kbytes
Page   1 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3A SILICON RECTIFIER CELL

SC30-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC30-01 Datasheet PDF - Frontier Electronics.

Part # SC30-01
Download  SC30-01 Click to download

File Size   113.26 Kbytes
Page   1 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3A SILICON RECTIFIER CELL

SC30-01 Datasheet (HTML) - Frontier Electronics.




Similar Part No. - SC30-01

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC30-040 SOCAY-SC30-040 Datasheet
427Kb / 4P
Radial Lead Resettable Polymer PTCs
SC30-050 SOCAY-SC30-050 Datasheet
427Kb / 4P
Radial Lead Resettable Polymer PTCs
SC30-065 SOCAY-SC30-065 Datasheet
427Kb / 4P
Radial Lead Resettable Polymer PTCs
SC30-075 SOCAY-SC30-075 Datasheet
427Kb / 4P
Radial Lead Resettable Polymer PTCs
SC30-090 SOCAY-SC30-090 Datasheet
427Kb / 4P
Radial Lead Resettable Polymer PTCs
More results


Similar Description - SC30-01

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RC10S01 SSE-RC10S01 Datasheet
14Kb / 1P
SILICON SILASTIC CELL RECTIFIER
RC10S01G SSE-RC10S01G Datasheet
14Kb / 1P
SILICON GPP CELL RECTIFIER
RC15S01 SSE-RC15S01 Datasheet
15Kb / 2P
SILICON SILASTIC CELL RECTIFIER
RC15S01G SSE-RC15S01G Datasheet
14Kb / 1P
SILICON GPP CELL RECTIFIER
RC30S01 SSE-RC30S01 Datasheet
14Kb / 1P
SILICON SILASTIC CELL RECTIFIER
RC30S01G SSE-RC30S01G Datasheet
17Kb / 1P
SILICON GPP CELL RECTIFIER
logo
Frontier Electronics.
SC10-005 FRONTIER-SC10-005 Datasheet
113Kb / 1P
1A SILICON RECTIFIER CELL
SC60-005 FRONTIER-SC60-005 Datasheet
113Kb / 1P
6A SILICON RECTIFIER CELL
logo
Texas Instruments
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com